Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 63 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 63 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 59Page - STMicroelectronics TDA7513T Datasheet HTML 60Page - STMicroelectronics TDA7513T Datasheet HTML 61Page - STMicroelectronics TDA7513T Datasheet HTML 62Page - STMicroelectronics TDA7513T Datasheet HTML 63Page - STMicroelectronics TDA7513T Datasheet HTML 64Page - STMicroelectronics TDA7513T Datasheet HTML 65Page - STMicroelectronics TDA7513T Datasheet HTML 66Page - STMicroelectronics TDA7513T Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
TDA7513T
Software specifications
63/84
0
1
0
12.4dB
0
1
1
13.4dB
1
0
0
14.4dB
1
0
1
15.4dB
1
1
0
16.4dB
1
1
1
17.4dB
Adj channel mute clamp
00
00
500mV
00
01
600mV
--
--
-
10
00
1.3V
--
--
-
11
10
1.9V
11
11
2V
Adjacent Channel (ISS) test
0
AC test OFF
1
AC test ON (ISS qualitydetector AC input
from #ACinL,
ISS AC filter+rect output to Smeter test
muxer if input 12 is selected)
Table 56.
Subaddress 22: FM Smeter Sider and AM Smeter time constant
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
FM Smeter sider
00
00
0
0V
00
00
1
0.48V
--
--
-
-
11
11
0
1.45V
11
11
1
1.5V
AM Smeter filter TC (resistor value)
00
0
75K
Ω
10
0
50K
Ω
01
0
35K
Ω
Table 55.
Subaddress 21: Adjacent channel mute (continued)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com