Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 10Page - STMicroelectronics TDA7513T Datasheet HTML 11Page - STMicroelectronics TDA7513T Datasheet HTML 12Page - STMicroelectronics TDA7513T Datasheet HTML 13Page - STMicroelectronics TDA7513T Datasheet HTML 14Page - STMicroelectronics TDA7513T Datasheet HTML 15Page - STMicroelectronics TDA7513T Datasheet HTML 16Page - STMicroelectronics TDA7513T Datasheet HTML 17Page - STMicroelectronics TDA7513T Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
Electrical characteristcs
TDA7513T
14/84
Table 7.
IF Amplifier 1
(Input at FMIFAMP1IN, fc = 10.7MHz, no mod)
(Output at FMIFAMP1OUT loaded with 330
Ω)
(antenna level = FMIFAMP1IN – 31dB)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
GGain
18
dB
IIP3
3rd order intercept point
referred to FMIFAMP1IN
126
dB
μV
Rin
input resistance (single-
ended)
FMIFAMP1IN w.r.t. gnd
330
W
Rout
output resistance
330
W
Table 8.
IF Amplifier 2
(Input at FMIFAMP2IN, fc = 10.7MHz, no mod)
(Output at FMIFAMP2OUT loaded with 330
Ω)
(antenna level = FMIFAMP2IN – 45dB)
Gain MUST BE SET to 14dB for ISS operation.
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
G
minimum gain
programmable gain
6dB
8dB
10
dB
maximum gain
14
dB
IIP3
Input 3rd order intercept
point
referred to FMIFAMP2IN, G
= 8dB
134
dBm
V
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Rin
input resistance (single-
ended)
FMIFAMP2IN to gnd
330
W
Rout
output resistance
330
W
Table 9.
Field-strength meter
(Input at FMMIX2IN; fc = 10.7MHz, no mod)
(antenna level = V67 – 49dB)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
FS1
FSmeter1
V(FMMIX2IN+) = 50 dBmV
1.4
dBmV
FS2
FSmeter2
V(FMMIX2IN+) = 70 dBmV
2.7
dBmV
FS3
FSmeter3
V(FMMIX2IN+) = 90 dBmV
4.4
dBmV
FSR
FSmeter filtering resistor
SMETERTC pin
10.7
kW
FFSS
Filtered
FSmeter
Slider
min
0
V
max
1.5
V
step
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com