Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 5Page - STMicroelectronics TDA7513T Datasheet HTML 6Page - STMicroelectronics TDA7513T Datasheet HTML 7Page - STMicroelectronics TDA7513T Datasheet HTML 8Page - STMicroelectronics TDA7513T Datasheet HTML 9Page - STMicroelectronics TDA7513T Datasheet HTML 10Page - STMicroelectronics TDA7513T Datasheet HTML 11Page - STMicroelectronics TDA7513T Datasheet HTML 12Page - STMicroelectronics TDA7513T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
TDA7513T
Block diagrams
9/84
Figure 3.
Pin connections
Table 2.
Pin description
Pin
Pin name
Pin function
1
VREF5V
5V reference
2
TUNGND
tuner general ground
3
AMMIX1IN1
am mix1 input
4
AMMIX1IN2
am mix1 input
5
AMAGC1TC
am agc1 filter capacitor
6
AMAGC1IOUT
am agc1 current output
7
AMAGC1VOUT
am agc1 voltage output
8
FMMIX1IN1
fm mix1 input
9
RFGND
rf ground
10
FMMIX1IN2
fm mix1 input
11
FMAGCIOUT
fm agc current output
12
FMWAGCIN
fm agc RF input
13
FMAGCVOUT
fm agc voltage output
1
2
3
5
6
4
7
8
9
10
31
11
32 33 34 35 36
75 74 73 72
70
71
69 68 67 66 65
55
54
53
51
50
52
60
59
58
56
57
AMAGC1IOUT
AMAGC1TC
AMMIX1IN2
TUNGND
VREF5V
AMMIX1IN1
FMAGCIOUT
FMMIX1IN2
RFGND
AMAGC1VOUT
FMMIX1IN1
SD
SCL
SDA
TUNEROUT
TUNERIN
FMMUTETC
MULTIPATHTC
RDSMUTE
AUDIOMUTE
SMETER
QUALITY
D03AU1527
26 27 28 29 30
76
77
78
79
80
21 22 23 24 25
49
48
46
45
47
IN1L
IN1COM
IN2R
IN2COM
IN1R
12
13
14
15
16
OSCGND
FMRFANDJ
FMANTADJ
FMWAGCIN
FMAGCVOUT
64 63 62 61
37 38 39 40
44
42
41
43
IN2L
ACLIN
ACROUT
ACLOUT
17
18
19
20
LFOUT
OSCVCC
VCOB
VCOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com