Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 80 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 80 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 76Page - STMicroelectronics TDA7513T Datasheet HTML 77Page - STMicroelectronics TDA7513T Datasheet HTML 78Page - STMicroelectronics TDA7513T Datasheet HTML 79Page - STMicroelectronics TDA7513T Datasheet HTML 80Page - STMicroelectronics TDA7513T Datasheet HTML 81Page - STMicroelectronics TDA7513T Datasheet HTML 82Page - STMicroelectronics TDA7513T Datasheet HTML 83Page - STMicroelectronics TDA7513T Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
Software specifications
TDA7513T
80/84
1
Test disabled (4-phase 200KHz clock)
400 KHz VCO OFF
0OFF
1ON
Audio processor test enabling
0
Test disabled
1
Test enabled (if S6=1)
Table 83.
Subaddress 16: Multipath test, AMHCC
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Multipath test enable
0
Multipath Detector test input disabled
1
Multipath Detector test input enabled
Quality detector noise gain
0
0
15dB
0
1
12dB
1
0
9dB
1
1
6dB
AM High-cut control corner frequency
00
00
0
00
00
1
-
---
-
11
11
0
11
11
1
Table 84.
Subaddress 17: Mid
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Mid filter steps
0
0
0
0
0
-15dB
0
0
0
0
1
-14dB
-
----
-
01
1
1
0
-1db
Table 82.
Subaddress 15: Test byte (continued)
MSB
LSB
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com