Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 15Page - STMicroelectronics TDA7513T Datasheet HTML 16Page - STMicroelectronics TDA7513T Datasheet HTML 17Page - STMicroelectronics TDA7513T Datasheet HTML 18Page - STMicroelectronics TDA7513T Datasheet HTML 19Page - STMicroelectronics TDA7513T Datasheet HTML 20Page - STMicroelectronics TDA7513T Datasheet HTML 21Page - STMicroelectronics TDA7513T Datasheet HTML 22Page - STMicroelectronics TDA7513T Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 84 page
background image
TDA7513T
Electrical characteristcs
19/84
2.3
Oscillators (VCC = 8V; Tamb =25°C)
Table 22.
VCO
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Vvco
Oscillation level
Tuning Voltage = 4V
106
108
dB
μV
C/N
Carrier to Noise ratio
Δf = 1kHz
85
dBc/H
z
Table 23.
XTAL
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Vxtal
Oscillation level
@ XTAL gate
131
dB
μV
FXTAL
Adjustment
frequency
range
min
referred to 10.25 MHz
centered condition
-4
kHz
max
+4
kHz
step
238
Hz
Table 24.
Audio processor
(VS = 8V; Tamb = 25°C; RL = 10k
Ω; all gains = 0dB; f = 1kHz; unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Input gain
GIN MIN Min. Input Gain
-1
0
1
dB
GIN MAX Max. Input Gain
13
15
17
dB
GSTEP
Step Resolution
0.5
1
1.5
dB
Quasi differential stereo input 1&2
Rin
Input Resistance
Any input pin to gnd
70
100
130
k
Ω
CMRR
Common Mode Rejection
Ratio
VCM = 1VRMS @ 1kHz
45
70
dB
VCM = 1VRMS @ 10kHz
45
60
dB
Volume control
GMAX
Max Gain
13
15
17
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
EA
Attenuation Set Error
G = -20 to 20dB
-1.25
0
1.25
dB
G = -60 to 20dB
-4
0
3
dB
ET
Tracking Error
2
dB
VDC
DC Steps
Adjacent Attenuation
Steps
mV
From 0dB to GMIN
mV
SOft mute/AFS
AMUTE
Mute Attenuation
80
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com