Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 68 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 68 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 64Page - STMicroelectronics TDA7513T Datasheet HTML 65Page - STMicroelectronics TDA7513T Datasheet HTML 66Page - STMicroelectronics TDA7513T Datasheet HTML 67Page - STMicroelectronics TDA7513T Datasheet HTML 68Page - STMicroelectronics TDA7513T Datasheet HTML 69Page - STMicroelectronics TDA7513T Datasheet HTML 70Page - STMicroelectronics TDA7513T Datasheet HTML 71Page - STMicroelectronics TDA7513T Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
Software specifications
TDA7513T
68/84
0
AdjChannel Mute HighPass filter 1
1
AdjChannel Mute BandPass filter 1
-
-
0
AdjChannel Mute HighPass filter 2
1
AdjChannel Mute BandPass filter 2
Adjacent channel mute disable @ low FS
0
0
threshold 1V
0
1
threshold 1.33V
1
0
threshold 1.66V
1
1
threshold 2V
Table 65.
Subaddress 31: Adjacent channel and multipath gain, weak field ISS
threshold
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Weak field ISS activation threshold
00
00
-450mV
0
0
0
1
-385.7mV
----
-
01
11
-0mV
10
00
+0mV
1
0
0
1
64.28mV
----
-
1
1
1
0
385.7mV
1
1
1
1
450mV
Tuner quality multipath gain
0
0
0 (OFF) dB
01
-4dB
1
0
0dB
1
1
4dB
Tuner quality adjacent channel gain
00
(OFF)
01
-4dB
1
0
0dB
1
1
4dB
Table 64.
Subaddress 30: Adjacent channel mute (continued)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com