Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 57 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 57 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 53Page - STMicroelectronics TDA7513T Datasheet HTML 54Page - STMicroelectronics TDA7513T Datasheet HTML 55Page - STMicroelectronics TDA7513T Datasheet HTML 56Page - STMicroelectronics TDA7513T Datasheet HTML 57Page - STMicroelectronics TDA7513T Datasheet HTML 58Page - STMicroelectronics TDA7513T Datasheet HTML 59Page - STMicroelectronics TDA7513T Datasheet HTML 60Page - STMicroelectronics TDA7513T Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
TDA7513T
Software specifications
57/84
10
10
77.6dBmV @SG
10
11
78.5dBmV @SG
11
00
32.6dBmV @SG 113.5dBmV @
IF2AMPOUT
11
01
55.0dBmV @SG
11
10
73.3dBmV @SG
11
11
77.6dBmV @SG
Table 47.
Subaddress 13: Demodulator fine adjust and noise blanker, MP qual test
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Fm audio demodulator current adjust
00
000
0
μA
00
001
0.167
μA
-----
-
01
111
2.51
μA
10
000
0
μA
00
001
0.167
μA
1
----
-
11
111
2.51
μA
Demodulator Noise
Blanker
AM Smeter
extension
00
NB1&2 on
(impvic&lontmas)
old (10.7MHz)
0
1
NB1 on (impvicmas) old (10.7MHz)
10
NB2 on
(implontmas0
new (450kHz)
1
1
NB1&2 off
new (450kHz)
Multipath (ISS) test
MP test OFF
MP test ON (ISS quality detector MP input
from #ACinL, ISS MP filter+rect output to
Smeter test muxer if input 12 is selected
Table 46.
Subaddress 12: AM IF amplifier gain (continued)
Ultra narrow band AGC threshold, FM Smeter and AC test (continued)
MSB
LSB
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com