Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 20Page - STMicroelectronics TDA7513T Datasheet HTML 21Page - STMicroelectronics TDA7513T Datasheet HTML 22Page - STMicroelectronics TDA7513T Datasheet HTML 23Page - STMicroelectronics TDA7513T Datasheet HTML 24Page - STMicroelectronics TDA7513T Datasheet HTML 25Page - STMicroelectronics TDA7513T Datasheet HTML 26Page - STMicroelectronics TDA7513T Datasheet HTML 27Page - STMicroelectronics TDA7513T Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
Electrical characteristcs
TDA7513T
24/84
2.5
Noise blanker
VHCLmin
Min. Voltage for FULL
Highcut
12
17
22
%VHCH
VHCLmax
Max. Voltage for FULL
Highcut
28
33
38
%VHCH
VHCLstep
Step Resolution
2.2
4.2
6.2
%VHCH
Carrier and harmonic suppression at the output
α19
Pilot Signal f = 19KHz
40
50
dB
α38
Subcarrier f = 38KHz
75
dB
α57
Subcarrier f = 57KHz
62
dB
α76
Subcarrier f = 76KHz
90
dB
Table 25.
Stereo decoder (continued)
(Vcc = 8V; deemphasis time constant = 50µs, VMPX = 305mVrms (75kHz deviation), fm=
1kHz, Gv = 4dB, Tamb = 27°C; unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 26.
Noise blanker
Symbol
Parameter
Test condition
Min. Typ. Max.
Unit
VTR
Trigger Threshold (1)
(2)
meas. with VPEAK =
0.9V
NBT = 111
(3)
30
(3)
mV
NBT = 110
(3)
35
(3)
mV
NBT = 101
(3)
40
(3)
mV
NBT = 100
(3)
45
(3)
mV
NBT = 011
(3)
50
(3)
mV
NBT = 010
(3)
55
(3)
mV
NBT = 001
(3)
60
(3)
mV
NBT = 000
(3)
65
(3)
mV
VTRNOISE
Noise Controlled
Trigger threshold (4)
meas. with VPEAK
= 1.5V
NCT = 00
(3)
260
(3)
mV
NCT = 01
(3)
220
(3)
mV
NCT = 10
(3)
180
(3)
mV
NCT = 11
(3)
140
(3)
mV
VRECT
Rectifier Voltage
VMPX = 0mV
NRD (8) = 00
0.5
0.9
1.3
V
VMPX = 50mV; f = 150KHz
1.5
1.7
2.1
V
VMPX = 200mV; f = 150KHz
2.2
2.5
2.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com