Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 16Page - STMicroelectronics TDA7513T Datasheet HTML 17Page - STMicroelectronics TDA7513T Datasheet HTML 18Page - STMicroelectronics TDA7513T Datasheet HTML 19Page - STMicroelectronics TDA7513T Datasheet HTML 20Page - STMicroelectronics TDA7513T Datasheet HTML 21Page - STMicroelectronics TDA7513T Datasheet HTML 22Page - STMicroelectronics TDA7513T Datasheet HTML 23Page - STMicroelectronics TDA7513T Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
Electrical characteristcs
TDA7513T
20/84
TD
Delay Time
T1
0.48
ms
T2
0.96
ms
T3
20.2
ms
T4
40.4
ms
VTH low
Low Threshold for SM-/AFS-
Pin 1
1V
VTH high
High Threshold for SM-/AFS-
Pin
4V
Bass control
CRANGE Control Range
±13
±15
±17
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
fC
Center Frequency
fC1
54
60
66
Hz
fC2
63
70
77
Hz
fC3
72
80
88
Hz
fC4
90
100
(150)
(1)
110
Hz
QBASS
Quality Factor
Q1
0.9
1
1.1
Q2
1.1
1.25
1.4
Q3
1.3
1.5
1.7
Q4
1.8
2
2.2
DCGAIN Bass-Dc-Gain
DC = off
-1
0
1
dB
DC = on
3.5
4.4
5.5
dB
MID control
CRANGE Control Range
±13
±15
±17
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
fC
Center Frequency
fC1
450
500
550
Hz
fC2
0.9
1
1.1
kHz
fC3
1.35
1.5
1.65
kHz
fC4
1.8
2
2.2
kHz
QBASS
Quality Factor
Q1
0.9
1
1.1
Q2
1.8
2
2.2
Treble control
CRANGE Control Range
±13
±15
±17
dB
Table 24.
Audio processor (continued)
(VS = 8V; Tamb = 25°C; RL = 10k
Ω; all gains = 0dB; f = 1kHz; unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com