Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 79 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 79 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 75Page - STMicroelectronics TDA7513T Datasheet HTML 76Page - STMicroelectronics TDA7513T Datasheet HTML 77Page - STMicroelectronics TDA7513T Datasheet HTML 78Page - STMicroelectronics TDA7513T Datasheet HTML 79Page - STMicroelectronics TDA7513T Datasheet HTML 80Page - STMicroelectronics TDA7513T Datasheet HTML 81Page - STMicroelectronics TDA7513T Datasheet HTML 82Page - STMicroelectronics TDA7513T Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
TDA7513T
Software specifications
79/84
Level gain
0
0
0
0
0dB
0
0
0
1
0.66dB
0
0
1
0
1.33dB
---
-
-
1
1
1
1
10dB
Table 82.
Subaddress 15: Test byte
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Stereo decoder test signals enabling
0
test signal disabled
1
test signal enabled (if S6=1) on ACinR
Stereo decoder test signals selection
0
0
0
0
VHCCH
0
0
0
1
LEVELINTERN
00
1
0
PILOT
0
0
1
1
VCOCON (VCO tuning voltage)
0
1
0
0
PIL_VTH
01
0
1
HOLDN
01
1
0
NB_VTH
01
1
1
F228
1
0
0
0
VHCCL
1
0
0
1
VSBL
1
0
1
0
state machine enable ifc
1
0
1
1
state machine set456
1
1
0
0
PEAK
1
1
0
1
state machine check
11
1
0
REF 5V
1
1
1
1
SBPWM
Test SC filter
0
Fast test enabled (2-phase 200KHz
clock)
Table 81.
Subaddress 14: Roll-off compensation, level gain (continued)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com