Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 54 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 54 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 50Page - STMicroelectronics TDA7513T Datasheet HTML 51Page - STMicroelectronics TDA7513T Datasheet HTML 52Page - STMicroelectronics TDA7513T Datasheet HTML 53Page - STMicroelectronics TDA7513T Datasheet HTML 54Page - STMicroelectronics TDA7513T Datasheet HTML 55Page - STMicroelectronics TDA7513T Datasheet HTML 56Page - STMicroelectronics TDA7513T Datasheet HTML 57Page - STMicroelectronics TDA7513T Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
Software specifications
TDA7513T
54/84
1
IF counter enable
AM stop station threshold
00
00
0mV
00
01
150mV
-
-
-
-
----
-
1
1
1
0
2100mV
1
1
1
1
2250mV
Table 43.
Subaddress 9: If counter control 2
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
FM antenna adj (proportional to Vtuning)
00
00
0
fcenter = 10.60625MHz (FM) 449KHz (AM)
00
00
1
fcenter = 10.61250MHz (FM) 450KHz (AM)
01
01
0
fcenter = 10.66875MHz (FM) 459KHz (AM)
01
01
1
fcenter = 10.67500MHz (FM) 460KHz (AM)
01
10
0
fcenter = 10.68125MHz (FM) 461KHz (AM)
01
10
1
fcenter = 10.68750MHz (FM) 462KHz (AM)
01
11
0
fcenter = 10.69375MHz (FM) 463KHz (AM)
01
11
1
fcenter = 10.70000MHz (FM) 464KHz (AM)
10
00
0
fcenter = 10.70625MHz (FM) 465KHz (AM)
10
00
1
fcenter = 10.71250MHz (FM) 466KHz (AM)
11
11
1
fcenter = 10.80000MHz (FM) 480KHz (AM)
00
0
tsample = 20.48ms (FM) 128ms (AM)
00
1
tsample = 10.24ms (FM) 64ms (AM)
01
0
tsample = 5.12ms (FM) 32ms (AM)
01
1
tsample = 2.568ms (FM) 16ms (AM)
10
0
tsample = 1.28ms (FM) 8ms (AM)
10
1
tsample = 640μs (FM) 4ms (AM)
11
0
tsample = 320μs (FM) 2ms (AM)
11
1
tsample = 160μs (FM) 1ms (AM)
Table 42.
Subaddress 8: IF counter control 1 and AM S.S. threshold (continued)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com