Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 67 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 67 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 63Page - STMicroelectronics TDA7513T Datasheet HTML 64Page - STMicroelectronics TDA7513T Datasheet HTML 65Page - STMicroelectronics TDA7513T Datasheet HTML 66Page - STMicroelectronics TDA7513T Datasheet HTML 67Page - STMicroelectronics TDA7513T Datasheet HTML 68Page - STMicroelectronics TDA7513T Datasheet HTML 69Page - STMicroelectronics TDA7513T Datasheet HTML 70Page - STMicroelectronics TDA7513T Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
TDA7513T
Software specifications
67/84
Table 63.
Subaddress 29: Tuner and Smeter tests
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
SMETER test multiplexer
0000
00
test off
0000
01
test AMAGC1W
0000
10
test AMAGC1N
0000
11
test AMAGC1UN
0001
00
test FM Smute Threshold
0101
01
test FMSMStop
0001
10
test AMIF2Amp
0001
11
test AMSDDAC
0010
00
test FMKAGC
0010
01
test FMACMDisable
0010
10
test FMDemodAdjON
0010
11
test FMDemodAdjONMute
0011
00
test FMACMuteRct
0011
01
test FSISSONThreshold
0011
10
test FSISSON
0011
11
test ISSInput
0
Smeter OUT ACD enable
1
test Smete IN
0
Smeter filter force enable
1
test TMODE1OUT (byte 27/28)
Table 64.
Subaddress 30: Adjacent channel mute
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Adjacent channel mute threshold
00
00
0mV
0
0
0
1
28.7mV
----
-
1
0
0
0
229.3mV
----
-
1
1
1
0
401.3mV
1
1
1
1
430mV
Adjacent channel mute filter configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com