Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 11Page - STMicroelectronics TDA7513T Datasheet HTML 12Page - STMicroelectronics TDA7513T Datasheet HTML 13Page - STMicroelectronics TDA7513T Datasheet HTML 14Page - STMicroelectronics TDA7513T Datasheet HTML 15Page - STMicroelectronics TDA7513T Datasheet HTML 16Page - STMicroelectronics TDA7513T Datasheet HTML 17Page - STMicroelectronics TDA7513T Datasheet HTML 18Page - STMicroelectronics TDA7513T Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
TDA7513T
Electrical characteristcs
15/84
*
2.2
AM
(V
CC = 8V; Tamb =25°C; Vsg = 74dBμV,emf; fc = 999kHz; 30% modulation; fmod = 400Hz
unless otherwise specified).
Table 10.
MPX output (output at TUNEROUT)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Gc
conversion gain
5.42
mV/kHz
Vaudio
audio level
peak, 40kHz deviation
217
mVp
Table 11.
Field strength stop station
(Input at FMMIX2IN – fc = 10.7MHz, no mod) (antenna level = V69 – 49dB)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
FSSSmin minimum threshold
Vthr = 0.4V
50
dB
μV
FSSSmax maximum threshold
Vthr = 3.4V
78
dB
μV
FSSSstep threshold step
ΔVthr = 200mV
3
dB
Table 12.
Soft mute
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
SMD
Soft Mute
Depth
min
13.4
dB
16
dB
19.5
dB
max
24
dB
MCVlow
Mute control voltage low
V(FMMUTETC) @ No
mute attenuation
0.2
V
MCVhigh Mute control voltage high
V(FMMUTETC) @ Max
mute attenuation
2V
ACMcl
Adjacent
channel mute
clamp voltage
min
Max V(FMMUTETC) in
Adjacent Channel
conditions
500
mV
max
2000
mV
step
100
mV
Table 13.
ISS filter (FMIF1AMP1 gain must be set to 14dB) (1)
1.
If ISS function is not used, SEEK must be set to “ON” in FM
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
BW1
Wide bandwidth
Full bandwidth @ -3dB
120
kHz
BW2
Narrow bandwidth
80
kHz
BWwb
Weather Band bandwidth
30
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com