Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 14Page - STMicroelectronics TDA7513T Datasheet HTML 15Page - STMicroelectronics TDA7513T Datasheet HTML 16Page - STMicroelectronics TDA7513T Datasheet HTML 17Page - STMicroelectronics TDA7513T Datasheet HTML 18Page - STMicroelectronics TDA7513T Datasheet HTML 19Page - STMicroelectronics TDA7513T Datasheet HTML 20Page - STMicroelectronics TDA7513T Datasheet HTML 21Page - STMicroelectronics TDA7513T Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
Electrical characteristcs
TDA7513T
18/84
Table 18.
IF2 amplifier
(Input at AMIF2AMPIN, fc = 450kHz, no mod)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Gv, max
gain, no AGC
max prog
64.8
dB
62.8
61.7
60.2
58.3
55.8
min prog
53.2
ΔGv
gain decrease in full AGC
w.r.t. Gv, max
-40
dB
Rin
input resistance
AMMIX2IN w.r.t. ground
2
k
Ω
Table 19.
AGC2
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
AGC2R
AGC2 filtering
resistor
reception
150
k
Ω
seek
5
k
Ω
Table 20.
Audio output
(output at TUNEROUT, 2.7k
Ω load)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Vaudio
audio level
rms, 30% modulation
305
mV
Table 21.
Field strength meter
(Input at AMIF2AMPIN; fc = 450 kHz, no mod)
(SG,emf level = V65 – 29dB)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
FS1
FSmeter1
V(AMIF2AMPIN) = 50
dB
μV
0.7
dB
μV
FS2
FSmeter2
V(AMIF2AMPIN) = 70
dB
μV
2.1
dB
μV
FS3
FSmeter3
V(AMIF2AMPIN) = 90
dB
μV
4.2
dB
μV
FSR
FSmeter
filter resistor
min
SMETERTC pin
16.5
k
Ω
max
75
k
Ω
FFSS
Filtered
FSmeter
Slider
min
0
V
max
1.5
V
step
48.4
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com