Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 102 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 98Page - ATMEL Corporation AT89LP6440 Datasheet HTML 99Page - ATMEL Corporation AT89LP6440 Datasheet HTML 100Page - ATMEL Corporation AT89LP6440 Datasheet HTML 101Page - ATMEL Corporation AT89LP6440 Datasheet HTML 102Page - ATMEL Corporation AT89LP6440 Datasheet HTML 103Page - ATMEL Corporation AT89LP6440 Datasheet HTML 104Page - ATMEL Corporation AT89LP6440 Datasheet HTML 105Page - ATMEL Corporation AT89LP6440 Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 194 page
background image
102
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Notes:1. Set up the clock mode before enabling the SPI: set all bits needed in SPCR except the SPE bit, then set SPE.
2. Enable the master SPI prior to the slave device.
3. Slave echoes master on the next Tx if not loaded with new data.
SPR0
SPR1
SPI clock rate select. These two bits control the SCK rate of the device configured as master. SPR1 and SPR0 have no
effect on the slave. The relationship between SCK and the oscillator frequency, F
OSC., is as follows:
SPR1
SPR0
SCK (TSCK = 0)
SCK (TSCK = 1)
00
f
OSC/4
f
T1OVF/4
01
f
OSC/8
fT1OVF/8
10
f
OSC/32
fT1OVF/32
11
f
OSC/64
f
T1OVF/64
Symbol
Function
Table 17-3.
SPDR – SPI Data Register
SPDR Address = EAH
Reset Value= 00H (after cold reset)
unchanged (after warm reset)
Not Bit Addressable
SPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0
Bit
76543210
Table 17-4.
SPSR – SPI Status Register
SPSR Address = E8H
Reset Value = 0000 X000B
Not Bit Addressable
SPIF
WCOL
MODF
TXE
–
SSIG
DISSOENH
Bit
76543
210
Symbol
Function
SPIF
SPI Transfer Complete Interrupt Flag. When a serial transfer is complete, the SPIF bit is set by hardware and an interrupt
is generated if ESP = 1. The SPIF bit may be cleared by software or by reading the SPI status register followed by
reading/writing the SPI data register.
WCOL
Write Collision Flag. The WCOL bit is set by hardware if SPDR is written while the transmit buffer is full. The ongoing
transfer is not affected. WCOL may be cleared by software or by reading the SPI status register followed by
reading/writing the SPI data register.
MODF
Mode Fault Flag. MODF is set by hardware when a master mode collision is detected (MSTR = 1, SSIG = 0 and SS = 0)
and an interrupt is generated if ESP= 1. MODF must be cleared by software.
TXE
Transmit Buffer Empty Flag. Set by hardware when the transmit buffer is loaded into the shift register, allowing a new byte
to be loaded. TXE must be cleared by software. When ENH = 1 and ESP = 1, TXE will generate an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com