Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 103 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 99Page - ATMEL Corporation AT89LP6440 Datasheet HTML 100Page - ATMEL Corporation AT89LP6440 Datasheet HTML 101Page - ATMEL Corporation AT89LP6440 Datasheet HTML 102Page - ATMEL Corporation AT89LP6440 Datasheet HTML 103Page - ATMEL Corporation AT89LP6440 Datasheet HTML 104Page - ATMEL Corporation AT89LP6440 Datasheet HTML 105Page - ATMEL Corporation AT89LP6440 Datasheet HTML 106Page - ATMEL Corporation AT89LP6440 Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 194 page
background image
103
3706A–MICRO–9/09
AT89LP6440 - Preliminary
17.4
Serial Clock Timing
The CPHA, CPOL and SPR bits in SPCR control the shape and rate of SCK. The two SPR bits
provide four possible clock rates when the SPI is in master mode. In slave mode, the SPI will
operate at the rate of the incoming SCK as long as it does not exceed the maximum bit rate.
There are also four possible combinations of SCK phase and polarity with respect to the serial
data. CPHA and CPOL determine which format is used for transmission. The SPI data transfer
formats are shown in Figures 17-3 and 17-4. To prevent glitches on SCK from disrupting the
interface, CPHA, CPOL, and SPR should not be modified while the interface is enabled, and the
master device should be enabled before the slave device(s).
Figure 17-3. SPI Transfer Format with CPHA = 0
Note:
*Not defined but normally MSB of character just received.
Figure 17-4. SPI Transfer Format with CPHA = 1
Note:
*Not defined but normally LSB of previously transmitted character.
SSIG
Slave Select Ignore. If SSIG = 0, the SPI will only operate in slave mode if SS (P1.4) is pulled low. When SSIG = 1, the
SPI ignores SS in slave mode and is active whenever SPE (SPCR.6) is set. When MSTR = 1 and SSIG = 0, SS is
monitored for master mode collisions. Setting SSIG = 1 will ignore collisions on SS. P1.4 may be used as a regular I/O
pin when SSIG = 1.
DISSO
Disable slave output bit. When set, this bit causes the MISO pin to be tristated so that more than one slave device can
share the same interface without multiple SS lines. Normally, the first byte in a transmission could be the slave address
and only the selected slave should clear its DISSO bit.
ENH
TX Buffer Interrupt Enable. When ENH = 1, TXE will generate an SPI interrupt if ESP = 1. When ENH = 0, TXE does not
generate an interrupt.
MSB
6
5
4
3
2
1
LSB
1
2
3
4
5
6
7
8
MSB
*
65
4
3
2
1
LSB
SCK CYCLE #
(FOR REFERENCE)
SCK (CPOL = 0)
SCK (CPOL = 1)
MOSI
(FROM MASTER)
MISO
(FROM SLAVE)
SS (TO SLAVE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com