Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 111 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 111 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 107Page - ATMEL Corporation AT89LP6440 Datasheet HTML 108Page - ATMEL Corporation AT89LP6440 Datasheet HTML 109Page - ATMEL Corporation AT89LP6440 Datasheet HTML 110Page - ATMEL Corporation AT89LP6440 Datasheet HTML 111Page - ATMEL Corporation AT89LP6440 Datasheet HTML 112Page - ATMEL Corporation AT89LP6440 Datasheet HTML 113Page - ATMEL Corporation AT89LP6440 Datasheet HTML 114Page - ATMEL Corporation AT89LP6440 Datasheet HTML 115Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 194 page
background image
111
3706A–MICRO–9/09
AT89LP6440 - Preliminary
18.4
Register Overview
Table 18-1.
TWCR – Two-Wire Control Register
TWCR Address = AAH
Reset Value = X000 00XXB
Not Bit Addressable
–TWEN
STA
STO
TWIF
AA
–
–
Bit
76543
210
Symbol
Function
TWEN
Two-wire Serial Interface Enable. Set to enable the TWI. Clear to disable the TWI.
STA
Start Flag. Set to send a START condition on the bus. Must be cleared by software.
STO
Stop Flag. Set to send a STOP condition on the bus. Cleared automatically by hardware when the STOP occurs.
TWIF
Two-wire Interface Interrupt Flag. Set by hardware when the TWI requests an interrupt. TWIF must be cleared by
software. While TWIF is set, the SCL low period is stretched. Note that clearing this flag starts the operation of the TWI,
so all accesses to the other TWI registers (TWAR, TWSR and TWDR) must be complete before clearing this flag.
AA
Assert Acknowledge Flag. Clear in master and slave receiver modes, to force a not acknowledge (high level on SDA).
Clear to disable SLA or GCA recognition. Set to recognize SLA or GCA (if GC set) for entering slave receiver or
transmitter modes. Set in master and slave receiver modes, to force an acknowledge (low level on SDA). This bit has no
effect when in master transmitter mode. By clearing AA to zero, the device can be virtually disconnected from the Two-
wire Serial Bus temporarily. Address recognition can then be resumed by setting the AA bit to one again.
Table 18-2.
TWSR – Two-Wire Status Register
TWSR Address = ABH
Reset Value = 1111 1000B
Not Bit Addressable
TWS7TWS6TWS5TWS4TWS3
000
Bit
76543
210
Symbol
Function
TWS
7-0
Two-wire Interface Status. The current status code of the TWI logic and serial bus. See Table 18-6 through Table 18-10
for a description of the status codes. Note that the three least significant bits always read as zero. The Status code is
valid only while TWIF remains set.
Table 18-3.
TWAR – Two-Wire Address Register
TWAR Address = ACH
Reset Value = 1111 1110B
Not Bit Addressable
TWA6
TWA5
TWA4
TWA3
TWA2
TWA1
TWA0
GC
Bit
76543
210
Symbol
Function
TWA6-0
Two-wire Interface Slave Address. The TWI will only respond to slave addresses that match this 7-bit address.
GC
General Call Enable. Set to enable General Call address (00h) recognition. Clear to disable General Call address
recognition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com