Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 112 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 112 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 108Page - ATMEL Corporation AT89LP6440 Datasheet HTML 109Page - ATMEL Corporation AT89LP6440 Datasheet HTML 110Page - ATMEL Corporation AT89LP6440 Datasheet HTML 111Page - ATMEL Corporation AT89LP6440 Datasheet HTML 112Page - ATMEL Corporation AT89LP6440 Datasheet HTML 113Page - ATMEL Corporation AT89LP6440 Datasheet HTML 114Page - ATMEL Corporation AT89LP6440 Datasheet HTML 115Page - ATMEL Corporation AT89LP6440 Datasheet HTML 116Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 194 page
background image
112
3706A–MICRO–9/09
AT89LP6440 - Preliminary
18.5
Using the TWI
The AT89LP TWI is byte-oriented and interrupt based. Interrupts are issued after all bus events,
like reception of a byte or transmission of a START condition. Because the TWI is interrupt-
based, the application software is free to carry on other operations during a TWI byte transfer.
Note that the TWI Interrupt Enable (TWE) bit in IE2 together with the Global Interrupt Enable bit
in EA allow the application to decide whether or not assertion of the TWIF flag should generate
an interrupt request. If the TWE bit is cleared, the application must poll the TWIF flag in order to
detect actions on the TWI bus.
When the TWIF flag is asserted, the TWI has finished an operation and awaits application
response. In this case, the TWI Status Register (TWSR) contains a value indicating the current
state of the TWI bus. The application software can then decide how the TWI should behave in
the next TWI bus cycle by manipulating the TWCR and TWDR registers.
Figure 18-10 is a simple example of how the application can interface to the TWI hardware. In
this example, a Master wishes to transmit a single data byte to a Slave. This description is quite
abstract, a more detailed explanation follows later in this section. A simple code example imple-
menting the desired behavior is also presented.
Table 18-4.
TWDR – Two-Wire Data Register
TWDR Address = ADH
Reset Value = 1111 1111B
Not Bit Addressable
TWD7
TWD6
TWD5
TWD4
TWD3
TWD2
TWD1
TWD0
Bit
76543
210
Symbol
Function
TWD
7-0
Two-wire Interface Data. Writes to TWDR queue the next address or data byte for transmission. Reads from TWDR
return the last address or data byte present on the bus. Writes/reads to/from TWDR must occur only while TWIF is set.
Writes to TWDR while TWIF = 0 are ignored. Reads from TWDR while TWIF = 0 may return random data.
Table 18-5.
TWBR – Two-Wire Bit Rate Register
TWBR Address = AEH
Reset Value = 0000 0000B
Not Bit Addressable
TWB7
TWB6
TWB5
TWB4
TWB3
TWB2
TWB1
TWB0
Bit
76543
210
Symbol
Function
TWB7-0
Two-wire Interface Serial Bit Rate. TWBR is an 8-bit down counter that selects the division factor (
÷1–256) for the bit rate
generator. The bit rate generator is a frequency divider which generates the SCL clock frequency from the system clock
in Master mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com