Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 126 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 126 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 122Page - ATMEL Corporation AT89LP6440 Datasheet HTML 123Page - ATMEL Corporation AT89LP6440 Datasheet HTML 124Page - ATMEL Corporation AT89LP6440 Datasheet HTML 125Page - ATMEL Corporation AT89LP6440 Datasheet HTML 126Page - ATMEL Corporation AT89LP6440 Datasheet HTML 127Page - ATMEL Corporation AT89LP6440 Datasheet HTML 128Page - ATMEL Corporation AT89LP6440 Datasheet HTML 129Page - ATMEL Corporation AT89LP6440 Datasheet HTML 130Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 194 page
background image
126
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Figure 18-15. Combining Several TWI Modes to Access a Serial EEPROM
19. Dual Analog Comparators
The AT89LP6440 provides two analog comparators. The analog comparators have the following
features:
• Internal 3-level Voltage Reference (1.125V, 1.25V, 1.375V)
•Four Shared Analog Input Channels
– Configure as Multiple Input Window Comparator
• Selectable Interrupt Conditions
– High- or Low-level
–Rising- or Falling-edge
–Output Toggle
•Hardware Debouncing Modes
Figure 19-1. Dual Comparator Block Diagram
A block diagram of the dual analog comparators with relevant connections is shown in Figure
19-1. Input options allow the comparators to function in a number of different configurations as
shown in Figure 19-4. Comparator operation is such that the output is a logic “1” when the posi-
tive input is greater than the negative input. Otherwise the output is a zero. Setting the CENA
(ACSRA.3) and CENB (ACSRB.3) bits enable Comparator A and B respectively. The user must
Master Transmitter
Master Receiver
S = START
Rs = REPEATED START
P = STOP
Transmitted from master to slave
Transmitted from slave to master
S
SLA+W
A
ADDRESS
A
Rs
SLA+R
A
DATA
A
P
A
B
(P2.5) AIN1
(P2.6) AIN2
(P2.4) AIN0
(P2.7) AIN3
11
10
01
00
11
10
01
00
RFB1
RFB0
RFA1
RFA0
11
10
01
00
11
10
01
00
CSB0
CSB1
CSA0
CSA1
CMPB (P4.7)
CMPA (P4.6)
CMB0
CMB1
CMB2
CMA0
CMA1
CMA2
CFB
CFA
EC
Interrupt
VAREF
VAREF-Δ
VAREF+Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com