Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 130 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 130 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 126Page - ATMEL Corporation AT89LP6440 Datasheet HTML 127Page - ATMEL Corporation AT89LP6440 Datasheet HTML 128Page - ATMEL Corporation AT89LP6440 Datasheet HTML 129Page - ATMEL Corporation AT89LP6440 Datasheet HTML 130Page - ATMEL Corporation AT89LP6440 Datasheet HTML 131Page - ATMEL Corporation AT89LP6440 Datasheet HTML 132Page - ATMEL Corporation AT89LP6440 Datasheet HTML 133Page - ATMEL Corporation AT89LP6440 Datasheet HTML 134Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 194 page
background image
130
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Notes:1. CONA must be cleared to 0 before changing CSA[1-0].
2. Debouncing modes require the use of Timer 1 to generate the sampling delay.
Table 19-1.
ACSRA
– Analog Comparator A Control & Status Register
ACSRA = 97H
Reset Value = 0000 0000B
Not Bit Addressable
CSA1
CSA0
CONA
CFA
CENA
CMA2
CMA1
CMA0
Bit
7
6
543
21
0
Symbol
Function
CSA [1-0]
Comparator A Positive Input Channel Select(1)
CSA1
CSA0
A+ Channel
0
0
AIN0 (P2.4)
0
1
AIN1 (P2.5)
1
0
AIN2 (P2.6)
1
1
AIN3 (P2.7)
CONA
Comparator A Input Connect. When CONA = 1 the analog input pins are connected to the comparator. When CONA = 0
the analog input pins are disconnected from the comparator. CONA must be cleared to 0 before changing CSA[1-0] or
RFA[1-0].
CFA
Comparator A Interrupt Flag. Set when the comparator output meets the conditions specified by the CMA [2-0] bits and
CENA is set. The flag must be cleared by software. The interrupt may be enabled/disabled by setting/clearing bit 6 of IE.
CENA
Comparator A Enable. Set this bit to enable the comparator. Clearing this bit will force the comparator output low and
prevent further events from setting CFA. When CENA = 1 the analog input pins, P2.4—P2.7, have their digital inputs
disabled if they are configured in input-only mode.
CMA [2-0]
Comparator A Interrupt Mode
CMA2
CMA1
CMA0
Interrupt Mode
000Negative (Low) level
001Positive edge
010Toggle with debouncing(2)
011Positive edge with debouncing(2)
100Negative edge
101Toggle
110Negative edge with debouncing(2)
111Positive (High) level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com