Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 131 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 131 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 127Page - ATMEL Corporation AT89LP6440 Datasheet HTML 128Page - ATMEL Corporation AT89LP6440 Datasheet HTML 129Page - ATMEL Corporation AT89LP6440 Datasheet HTML 130Page - ATMEL Corporation AT89LP6440 Datasheet HTML 131Page - ATMEL Corporation AT89LP6440 Datasheet HTML 132Page - ATMEL Corporation AT89LP6440 Datasheet HTML 133Page - ATMEL Corporation AT89LP6440 Datasheet HTML 134Page - ATMEL Corporation AT89LP6440 Datasheet HTML 135Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 194 page
background image
131
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Notes:1. CONB must be cleared to 0 before changing CSB[1-0].
2. Debouncing modes require the use of Timer 1 to generate the sampling delay.
Table 19-2.
ACSRB
– Analog Comparator B Control & Status Register
ACSRB = 9FH
Reset Value = 1100 0000B
Not Bit Addressable
CSB1
CSB0
CONB
CFB
CENB
CMB2
CMB1
CMB0
Bit
7
6
543
21
0
Symbol
Function
CSB [1-0]
Comparator B Positive Input Channel Select(1)
CSB1
CSB0
B+ Channel
0
0
AIN0 (P2.4)
0
1
AIN1 (P2.5)
1
0
AIN2 (P2.6)
1
1
AIN3 (P2.7)
CONB
Comparator B Input Connect. When CONB = 1 the analog input pins are connected to the comparator. When CONB = 0
the analog input pins are disconnected from the comparator. CONB must be cleared to 0 before changing CSB[1-0] or
RFB[1-0].
CFB
Comparator B Interrupt Flag. Set when the comparator output meets the conditions specified by the CMB [2-0] bits and
CENB is set. The flag must be cleared by software. The interrupt may be enabled/disabled by setting/clearing bit 6 of IE.
CENB
Comparator B Enable. Set this bit to enable the comparator. Clearing this bit will force the comparator output low and
prevent further events from setting CFB. When CENB = 1 the analog input pins, P2.4—P2.7, have their digital inputs
disabled if they are configured in input-only mode.
CMB [2-0]
Comparator B Interrupt Mode
CMB2
CMB1
CMB0
Interrupt Mode
000Negative (Low) level
001Positive edge
010Toggle with debouncing(2)
011Positive edge with debouncing(2)
100Negative edge
101Toggle
110Negative edge with debouncing(2)
111Positive (High) level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com