Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 133 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 133 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 129Page - ATMEL Corporation AT89LP6440 Datasheet HTML 130Page - ATMEL Corporation AT89LP6440 Datasheet HTML 131Page - ATMEL Corporation AT89LP6440 Datasheet HTML 132Page - ATMEL Corporation AT89LP6440 Datasheet HTML 133Page - ATMEL Corporation AT89LP6440 Datasheet HTML 134Page - ATMEL Corporation AT89LP6440 Datasheet HTML 135Page - ATMEL Corporation AT89LP6440 Datasheet HTML 136Page - ATMEL Corporation AT89LP6440 Datasheet HTML 137Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 194 page
background image
133
3706A–MICRO–9/09
AT89LP6440 - Preliminary
20. Digital-to-Analog/Analog-to-Digital Converter
The AT89LP6440 includes a 10-bit Data Converter (DADC) with the following features:
• Digital-to-Analog (DAC) or Analog-to-Digital (ADC) Mode
•10-bit Resolution
• 6.5 µs Conversion Time
• 8 Multiplexed Single-ended Channels or 4 Differential Channels
• Selectable 1.0V±10% Internal Reference Voltage
•Optional Left-Adjust of Conversion Results
• Single Conversion or Timer-triggered Mode
• Interrupt on Conversion Complete
The AT89LP6440 features a 10-bit successive approximation data converter that functions in
either Analog-to-Digital (ADC) or Digital-to-Analog (DAC) mode. A block diagram of the con-
verter is shown in Figure 20-1. An 8-channel Analog Multiplexer connects eight single-ended or
four differential voltage inputs from the pins of Port 0 to a sample-and-hold circuit that in turn
provides an input to the successive approximation block. The Sample-and-Hold circuit ensures
that the input voltage to the ADC is held at a constant level during conversion. The SAR block
digitizes the analog voltage into a 10-bit value accessible through a data register. The SAR
block also operates in reverse to generate an analog voltage on Port 2 from a 10-bit digital
value. The DADC has separate analog supply pins, AVDD and AGND, which must not differ more
than ± 0.3V from the standard supplies VDD and GND.
ADC results are available in the DADL and DADH register pair. The ADC result scale is deter-
mined by the reference voltage (VREF) generated either internally from a 1.0V reference or
externally from AVDD/2. The ADC results are always represented in signed 2’s complement
form, with single-ended voltage channels referring to the level above or below AVDD/2. The 10-
bit results may be right or left adjusted within the 16-bit register. The sign is extended through
the 6 MSBs of right-adjusted results and the 6 LSBs of left-adjusted results are zeroed. If only 8-
bit precision is required, the user should select left-adjusted by setting LADJ in DADC and read
only the DADH register. Example results are listed in Table 20-1.
The conversion formulas are as follows:
Conversion results can be converted into unsigned binary by adding 02h to DADH in right-
adjusted mode or 80h to DADH in left-adjusted mode. When using the external reference
(AVDD/2) in single-ended mode this is equivalent to:
To convert the unsigned binary value back to 2’s complement, subtract 02h from DADH in right-
adjusted mode or 80h from DADH in left-adjusted mode. Note that the DADH/DADL registers
cannot be directly manipulated as they are read-only in ADC mode and write-only in DAC mode.
(Singled-Ended)
ADC
511
V
IN
AV
DD
2
⁄
V
REF
×
(Differential)
ADC
511
V
IN+
V
IN-
V
REF
×
(Unsigned Singled-Ended)
ADC
1023
V
IN
AV
DD
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com