Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 136 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 136 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 132Page - ATMEL Corporation AT89LP6440 Datasheet HTML 133Page - ATMEL Corporation AT89LP6440 Datasheet HTML 134Page - ATMEL Corporation AT89LP6440 Datasheet HTML 135Page - ATMEL Corporation AT89LP6440 Datasheet HTML 136Page - ATMEL Corporation AT89LP6440 Datasheet HTML 137Page - ATMEL Corporation AT89LP6440 Datasheet HTML 138Page - ATMEL Corporation AT89LP6440 Datasheet HTML 139Page - ATMEL Corporation AT89LP6440 Datasheet HTML 140Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 194 page
background image
136
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Figure 20-3. Equivalent Analog Input Model
20.2
DAC Operation
The DAC converts a 10-bit signed digital value to an analog output voltage through successive
approximation. The DAC always operates in differential mode, outputting a voltage differential
between its positive (P2.2) and negative (P2.3) outputs with a common mode of AVDD/2. The
minimum value represents zero difference and the maximum values represent a difference of
positive or negative VREF minus 1 LSB.
The DAC is enabled by setting the ADCE and DAC bits in DADC. Some settling time is required
for the reference circuits to stabilize after the DAC is enabled. The DAC does not have multiple
output channels and the DIFF, ACON and ACS bits have no effect in DAC mode. P2.2 and P2.3
are automatically forced to input-only mode while the DAC is enabled.
A timing diagram of a DAC conversion is shown in Figure 20-4. The conversion requires 11 ADC
clock cycles to complete. Construction of the analog output starts in the second cycle of the con-
version and the DAC will allow the new value to propagate to the outputs during cycle 7, after the
5 MSBs are complete. At the end of the conversion, the interrupt flag is set. An additional 1 ADC
clock cycle and up to 2 system clock cycles may be required to synchronize ADIF with the rest of
the system. The DADL and DADH registers hold the value to be output and are write-only during
DAC mode. An internal buffer samples DADH/DADL at the start of the conversion and holds the
value constant for the remainder of the conversion. One system clock cycle is required to trans-
fer the contents of DADH/DADL into the buffer at the start of the conversion and therefore the
ADC clock frequency must always be equal to or less than the system clock frequency during
DAC mode to ensure that the buffer is updated before the second cycle.
Figure 20-4. DAC Timing Diagram
The equivalent model for the analog output circuitry is illustrated in Figure 20-5. The series out-
put resistance of the DAC must drive the pin capacitance and any external load on the pin.
ADCn
CS/H =
2 pF
RIN =
10 k
Ω
CPIN =
10 pF
RMUX =
10 k
Ω
12
3
456789
10
11
MSB of Output
LSB of Output
ADC Clock
GO/BSY
ADIF
DADH
DADL
Cycle Number
12
One Conversion
Next Conversion
3
Begin Output
Initialize Circuitry
Conversion
Complete
Initialize



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com