Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 140 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 140 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 136Page - ATMEL Corporation AT89LP6440 Datasheet HTML 137Page - ATMEL Corporation AT89LP6440 Datasheet HTML 138Page - ATMEL Corporation AT89LP6440 Datasheet HTML 139Page - ATMEL Corporation AT89LP6440 Datasheet HTML 140Page - ATMEL Corporation AT89LP6440 Datasheet HTML 141Page - ATMEL Corporation AT89LP6440 Datasheet HTML 142Page - ATMEL Corporation AT89LP6440 Datasheet HTML 143Page - ATMEL Corporation AT89LP6440 Datasheet HTML 144Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 194 page
background image
140
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Table 20-5.
DADI
– DADC Input Control Register
DADI = DAH
Reset Value = 0000 0000B
Not Bit Addressable
ACON
IREF
TRG1
TRG0
DIFF
ACS2ACS1ACS0
Bit
7
6
543
21
0
Symbol
Function
ACON
Analog Input Connect. When cleared, the analog inputs are disconnected from the ADC. When set, the analog inputs
selected by ACS2-0 are connected to the ADC. ACON must be zero when changing the input channel multiplexor (ACS2-
0).
IREF
Internal Reference Enable. When set, the DADC uses the internal voltage reference. When cleared the DADC uses
AVDD for its reference.
DIFF
Differential Mode Enable. Set to configure the ADC in differential mode. Clear to configure the ADC in single-ended
mode.
TRG[1-0]
Trigger Select.
TRG1
TRG0
Trigger
00
Software (GO bit)
0
1
Timer 0 Overflow
1
0
Timer 1 Overflow
1
1
Timer 2 Overflow
ACS [2-0]
DADC Channel Select
DIFF
ACS2
ACS1
ACS0
V+
V-
0000P0.0
AVDD/2
0001P0.1
AVDD/2
0010P0.2
AVDD/2
0011P0.3
AVDD/2
0100P0.4
AVDD/2
0101P0.5
AVDD/2
0110P0.6
AVDD/2
0111P0.7
AVDD/2
1000P0.0
P0.1
1001P0.2
P0.3
1010P0.4
P0.5
1011P0.6
P0.7
1100reserved
1101reserved
1110reserved
1111reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com