Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 138 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 138 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 134Page - ATMEL Corporation AT89LP6440 Datasheet HTML 135Page - ATMEL Corporation AT89LP6440 Datasheet HTML 136Page - ATMEL Corporation AT89LP6440 Datasheet HTML 137Page - ATMEL Corporation AT89LP6440 Datasheet HTML 138Page - ATMEL Corporation AT89LP6440 Datasheet HTML 139Page - ATMEL Corporation AT89LP6440 Datasheet HTML 140Page - ATMEL Corporation AT89LP6440 Datasheet HTML 141Page - ATMEL Corporation AT89LP6440 Datasheet HTML 142Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 194 page
background image
138
3706A–MICRO–9/09
AT89LP6440 - Preliminary
be set by hardware while the conversion is in progress. Note that the timer overflow rate must be
slower than the conversion time.
20.5
Noise Considerations
Digital circuitry inside and outside the device generates EMI which might affect the accuracy of
analog measurements. If conversion accuracy is critical, the noise level can be reduced by
applying the following techniques:
• Connect the AVDD pin to the digital VDD supply voltage via an LC network as shown in Figure
20-7. Values should be chosen to fit the system. Note this example has a cutoff frequency of
~160kHz and works best for devices operate at 1 MHz or above.
• Keep analog signal paths as short as possible. Make sure to run analog signals tracks over
an analog ground plane, and keep them well away from high-speed digital tracks.
•Place the CPU in Idle during a conversion.
•If any Port 0 pins are used as digital outputs, it is essential that these do not switch while a
conversion is in progress.
Figure 20-7. Example ADC Power Connections (TQFP Package)
Analog Ground
Plane
P0.7 (ADC7)
34
10
μH
35
36
37
38
39
33
32
31
30
29
28
P0.6 (ADC6)
P0.5 (ADC5)
P0.4 (ADC4)
GND
100
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com