Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 129Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 130Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 131Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 132Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 133Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 134Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 135Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 136Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 160 page
background image
Analog-to-Digital Converter (ADC)
Timing and Electrical Characteristics
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Analog-to-Digital Converter (ADC)
133
11.6 Timing and Electrical Characteristics
Table 11-1. ADC Characteristics (V
DD = 5.0 Vdc)
(1)
1. VDD = 5.0 Vdc ±10%, VSS = 0 Vdc
Characteristic
Min
Max
Unit
Resolution
8
8
Bit
Absolute Accuracy (4.0 > VRH > VDD)
(2)
2. ADC accuracy may decrease proportionately as VRH is reduced below 4.0 V.
—
±1.5
LSB
Conversion Range (PC7/VRH)
VSS
VDD
V
Conversion Time (Includes Sampling Time)
External Clock
Internal RC Oscillator (ADRC = 1)
32
32
32
32
tAD
(3)
µs
3. tAD = cycle time of the A/D converter
Monotonicity
Inherent (Within Total Error)
Zero Input Reading (VIN = 0 V)
00
01
Hex
Full-Scale Reading (VIN = VRH)
FF
FF
Hex
Sample Acquisition Time(4)
External Clock
Internal RC Oscillator (ADRC = 1)
4. Source impedances more than 10 k
Ω adversely affect internal RC charging time during input sam-
pling.
12
—
12
12
tAD
(5)
µs
5. tAD = tCYC (1 ÷ fOP) if MCU clock is clock source
Input Capacitance
PC6/AN0, PC5/AN1, PC4/AN2, PC3/AN3
—
12
pF
Analog Input Voltage
VSS
VRH
V
Input Leakage(6)
PC6/AN0, PC5/AN1, PC4/AN2, PC3/AN3
PC7/VRH
6. External system error caused by input leakage approximately equals R source times input current.
—
—
±1
±1
µA
ADC On Current Stabilization Time
—
100
µs
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com