Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 80 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 80 Page - Intel Corporation

Back Button PIIX Datasheet HTML 76Page - Intel Corporation PIIX Datasheet HTML 77Page - Intel Corporation PIIX Datasheet HTML 78Page - Intel Corporation PIIX Datasheet HTML 79Page - Intel Corporation PIIX Datasheet HTML 80Page - Intel Corporation PIIX Datasheet HTML 81Page - Intel Corporation PIIX Datasheet HTML 82Page - Intel Corporation PIIX Datasheet HTML 83Page - Intel Corporation PIIX Datasheet HTML 84Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
80
Bit 2
Bit 0
Description:
00
Error condition. If the IDE DMA Error bit is 1, there is a problem transferring data
to/from memory. Specifics of the error have to be determined using bus-specific
information. If the Error bit is 0, the PRD’s specified a smaller size than the IDE
transfer size.
2.7.3.
BMIDTP—BUS MASTER IDE DESCRIPTOR TABLE POINTER REGISTER
Address Offset:
Primary Channel—Base + 04h; Secondary Channel—Base + 0Ch
Default Value:
00000000h
Attribute:
Read/Write
This register provides the base memory address of the descriptor table. The Descriptor Table must be Dword
aligned and not cross a 4-Kbyte boundary in memory.
Bit
Description
31:2
Descriptor Table Base Address. Bits [31:2] correspond to A[31:2].
1:0
Reserved.
2.8.
USB I/O Registers
This section describes the block of USB registers that are located in normal I/O space. The “base” portion of
the I/O address is selected via a PCI Configuration register.
2.8.1.
USBCMD
USB Command Register
I/O Address:
Base+ (00
−01h)
Default Value:
0000h
Attribute:
Read/Write
The Command Register indicates the command to be executed by the serial bus host/hub controller. Writing
to the register causes a command to be executed.
Bit
Description
15:8
Reserved.
7
Max Packet (MAXP). 1=64 bytes. 0=32 bytes. This bit selects the maximum packet size that
can be used for full speed bandwidth reclamation at the end of a frame. This value is used by
the Host Controller to determine whether it should initiate another transaction based on the
time remaining in the SOF counter. Use of reclamation packets larger than the programmed
size will cause a Babble error if executed during the critical window at frame end. The Babble
error results in the offending endpoint being stalled. Software is responsible for ensuring that
any packet that could be executed under bandwidth reclamation be within this size limit.
6
Configure Flag (CF). Software sets this bit as the last action in its process of configuring the
Host Controller. This bit has no effect on the hardware. It is provided only as a semaphore
service for software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com