Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 53 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 53 Page - Intel Corporation

Back Button PIIX Datasheet HTML 49Page - Intel Corporation PIIX Datasheet HTML 50Page - Intel Corporation PIIX Datasheet HTML 51Page - Intel Corporation PIIX Datasheet HTML 52Page - Intel Corporation PIIX Datasheet HTML 53Page - Intel Corporation PIIX Datasheet HTML 54Page - Intel Corporation PIIX Datasheet HTML 55Page - Intel Corporation PIIX Datasheet HTML 56Page - Intel Corporation PIIX Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
53
Bit
Description
5:4
Secondary Drive 1 Recovery Time (SRTC1). This field selects the minimum number of
clocks between the last IORDY# sample point and the DIOx# strobe of the next cycle for the
slave drive on the secondary channel.
Bits[5:4]
Number Of Clocks
00
4
01
3
10
2
11
1
3:2
Primary Drive 1 IORDY Sample Point (PISP1). This field selects the number of clocks
between DIOx# assertion and the first IORDY sample point for the slave drive on the primary
channel.
Bits[3:2]
Number Of Clocks
00
5
01
4
10
3
11
2
1:0
Primary Drive 1 Recovery Time (PRTC1). This field selects the minimum number of clocks
between the last IORDY# sample point and the DIOx# strobe of the next cycle for the slave
drive on the primary channel.
Bits[1:0]
Number Of Clocks
00
4
01
3
10
2
11
1
2.4.
PCI Configuration Registers
Universal Serial Bus (Function 2) (PIIX3
Only)
2.4.1.
VID—VENDOR IDENTIFICATION REGISTER (Function 2) (PIIX3)
Address Offset:
00–01h
Default Value:
8086h
Attribute:
Read Only
The VID Register contains the vendor identification number. This register, along with the Device Identification
Register, uniquely identifies any PCI device. Writes to this register have no effect.
Bit
Description
15:0
Vendor Identification Number. This is a 16-bit value assigned to Intel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com