Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 43 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 43 Page - Intel Corporation

Back Button PIIX Datasheet HTML 39Page - Intel Corporation PIIX Datasheet HTML 40Page - Intel Corporation PIIX Datasheet HTML 41Page - Intel Corporation PIIX Datasheet HTML 42Page - Intel Corporation PIIX Datasheet HTML 43Page - Intel Corporation PIIX Datasheet HTML 44Page - Intel Corporation PIIX Datasheet HTML 45Page - Intel Corporation PIIX Datasheet HTML 46Page - Intel Corporation PIIX Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
43
2.2.18.
SMICNTL—SMI CONTROL REGISTER (Function 0)
Address Offset:
A0h
Default Value:
08h
Attribute:
Read/Write
The SMICNTL Register provides Fast Off Timer control, STPCLK# enable/disable, and CPU clock scaling.
This register also enables/disables the system management interrupt (SMI).
Bit
Description
7:5
Reserved
4:3
Fast Off Timer Freeze (CTMRFRZ). This field enables/disables the Fast Off Timer and when
enabled, selects the timer count granularity as shown below:
Bits[4:3] Count Granularity
Count Granularity
Count Granularity
(33 MHz PCICLK)
(30 MHz PCICLK)
(25 MHz PCICLK)
00
1 Minute
1.1 Minute
1.32 Minute
01
Disabled (default)
Disabled (default)
Disabled (default)
10
1 PCICLK
1 PCICLK
1 PCICLK
11
1 Msec
1.1 Msec
1.32 Msec
2
STPCLK# Scaling Enable (CSTPCLKSC). 1=Enable; 0=Disable. When enabled (and bit
1=1), the high and low times for the STPCLK# signal are controlled by the Clock Scaling
STPCLK# High Timer and Clock Scaling STPCLK# Low Timer Registers.
1
STPCLK# Signal Enable (CSTPCLKE). 1=Enable; 0=Disable. When enabled, an APMC
Register read causes STPCLK# to be asserted. When disabled, the STPCLK# signal is
disabled and is negated (high). Software can set this bit to 0 by writing a 0 to it.
0
SMI# Gate (CSMIGATE). 1=Enable; 0=Disable. When enabled, a system management
interrupt condition asserts the SMI# signal. When disabled, the SMI# signal is masked and
negated. This bit only affects the SMI# signal and does not affect the detection/recording of
SMI events (i.e., This bit does not effect the SMI status bits in the SMIREQ Register). Thus, if
an SMI is pending when this bit is set to 1, the SMI# signal is asserted.
2.2.19.
SMIEN—SMI ENABLE REGISTER (Function 0)
Address Offset:
A2
−A3h
Default Value:
0000h
Attribute:
Read/Write
This register enables the generation of SMI (asserting the SMI# signal) for the associated hardware events
(bits [5:0]), and software events (bit 7). When a hardware event is enabled, the occurrence of a
corresponding event results in the assertion of SMI#, if enabled via the SMICNTL Register. The SMI# is
asserted independent of the current power state (Power-On or Fast Off). The default for all sources in this
register is disabled.
Bit
Description
15:9
Reserved.
8
PIIX: Reserved.
PIIX3: Legacy USB SMI Enable 1=Enable USB Legacy logic to generate SMI#. 0=Disable
(default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com