Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 17 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 17 Page - Intel Corporation

Back Button PIIX Datasheet HTML 13Page - Intel Corporation PIIX Datasheet HTML 14Page - Intel Corporation PIIX Datasheet HTML 15Page - Intel Corporation PIIX Datasheet HTML 16Page - Intel Corporation PIIX Datasheet HTML 17Page - Intel Corporation PIIX Datasheet HTML 18Page - Intel Corporation PIIX Datasheet HTML 19Page - Intel Corporation PIIX Datasheet HTML 20Page - Intel Corporation PIIX Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
17
1.9.
X-Bus Signals
Signal Name
Type
Description
XDIR#
O
X-BUS DIRECTION: XDIR# is tied directly to the direction control of a
74F245 that buffers the X-Bus data (XD[7:0]). XDIR# is asserted for all I/O
read cycles, regardless if the accesses are to a PIIX/PIIX3 supported
device. XDIR# is only asserted for memory cycles if BIOS sapce (PIIX and
PIIX3) or APIC space (PIIX3 only) has been decoded. For PCI master
inititated read cycles, XDIR# is asserted from the falling edge of either
IOR# or MEMR# (from MEMR# only if BIOS space (PIIX and PIIX3) or
APIC (PIIX3 only) space has been decoded), depending on the cycle type.
For ISA master-initiated read cycles, XDIR# is asserted from the falling
edge of either IOR# or MEMR# (from MEMR# only if BIOS space has been
decoded), depending on the cycle type. When the rising edge of IOR# or
MEMR# occurs, the PIIX/PIIX3 negates XDIR#. For DMA read cycles from
the X-Bus, XDIR# is asserted from DACKx# falling and negated from
DACKx# rising. At all other times, XDIR# is negated.
XOE#
O
X-BUS OUTPUT ENABLE: XOE# is tied directly to the output enable of a
74F245 that buffers the X-Bus data (XD[7:0]) from the system data bus
(SD[7:0]). XOE# is asserted when a PIIX/PIIX3 supported X-Bus device is
decoded, and the devices decode is enabled in the X-Bus Chip Select
Enable Register (XBCS Register). XOE# is asserted from the falling edge
of the ISA commands (IOR#, IOW#, MEMR#, or MEMW#) for PCI Master
and ISA master-initiated cycles. XOE# is negated from the rising edge of
the ISA command signals for CPU and PCI Master-initiated cycles and the
SA[16:0] and LA[23:17] address for ISA master-initiated cycles. XOE# is
not generated during any access to an X-Bus peripheral in which its
decode space has been disabled.
DD15/ PCS#
O
PROGRAMMABLE CHIP SELECT: PCS# is asserted for ISA I/O cycles
that are generated by PCI masters and subtractively decoded to ISA, if the
access hits the address range programmed into the PCSC Register. The
X-Bus buffer signals are enabled when the chip select is asserted (i.e., it is
assumed that the peripheral that is selected via this pin resides on the X-
Bus).
BIOSCS#
O
BIOS CHIP SELECT: BIOSCS# is asserted during read or write accesses
to BIOS. BIOSCS# is driven combinatorially from the ISA addresses
SA[16:0] and LA [23:17], except during DMA. During DMA cycles,
BIOSCS# is not generated.
KBCS#
O
KEYBOARD CONTROLLER CHIP SELECT: KBCS# is asserted during
I/O read or write accesses to KBC locations 60h and 64h. This signal is
driven combinatorially from the ISA addresses SA[16:0] and LA [23:17].
For DMA cycles, KBCS# is never asserted.
RTCCS#
O
REAL TIME CLOCK CHIP SELECT: RTCCS# is asserted during read or
write accesses to RTC location 71h. RTCCS# can be tied to a pair of
external OR gates to generate the real time clock read and write command
signals.
RTCALE
O
REAL TIME CLOCK ADDRESS LATCH: RTCALE is used to latch the
appropriate memory address into the RTC. A write to port 70h with the
appropriate RTC memory address that will be written to or read from,
causes RTCALE to be asserted. RTCALE is asserted based on IOW#
falling and remains asserted for two SYSCLKs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com