Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 35 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 35 Page - Intel Corporation

Back Button PIIX Datasheet HTML 31Page - Intel Corporation PIIX Datasheet HTML 32Page - Intel Corporation PIIX Datasheet HTML 33Page - Intel Corporation PIIX Datasheet HTML 34Page - Intel Corporation PIIX Datasheet HTML 35Page - Intel Corporation PIIX Datasheet HTML 36Page - Intel Corporation PIIX Datasheet HTML 37Page - Intel Corporation PIIX Datasheet HTML 38Page - Intel Corporation PIIX Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
35
Bit
Description
15:9
PIIX3: Reserved.
8
PIIX3: APIC Chip Select. When enabled (bit 8=1), APICCS# is asserted for PCI memory
accesses to the programmable IOAPIC region. This cycle is forwarded to the ISA bus. The
default IOAPIC addresses are memory FEC0_0000h and FEC0_0010h. These can be
relocated via the APIC Base Address Relocation Register. When disabled (bit 8=0), the PCI
cycle is ignored by PIIX3 and APICCS# and XOE# are not generated. Note that APICCS# is
not generated for ISA-originated cycles. This bit also controls the function of two shared signals
on the PIIX3 as shown below:
Shared Signal Name
Bit 8=0
Bit 8=1
TESTIN#/APICREQ#
TESTIN#
APICREQ#
PCIRST#/APICACK#
PCIRST#
APICACK#
7
Extended BIOS Enable. When bit 7=1 (enabled), PCI master accesses to locations
FFF80000–FFFDFFFFh are forwarded to ISA and result in the generation of BIOSCS# and
XOE#. When forwarding the additional 384-Kbyte region at the top of 4 Gbytes, the PIIX/PIIX3
allows the PCI address A[23:20] to propagate to the ISA LA[23:20] lines as all 1's, aliasing this
384-Kbyte region to the top of the 16-Mbyte space. To avoid contention, ISA addin memory
must not be present in this region (00F80000–00FDFFFFh). When bit 7=0, the PIIX/PIIX3 does
not generate BIOSCS# or XOE#.
6
Lower BIOS Enable. When bit 6=1 (enabled), PCI master, or ISA master accesses to the
lower 64-Kbyte BIOS block (E0000–EFFFFh) at the top of 1 Mbyte, or the aliases at the top of
4 Gbyte (FFFE0000–FFFEFFFFh) result in the generation of BIOSCS# and XOE#. When
forwarding the region at the top of 4 Gbytes to the ISA Bus, the ISA LA[23:20] lines are all 1's,
aliasing this region to the top of the 16-Mbyte space. To avoid contention, ISA addin memory
must not be present in this region (00F80000–00FDFFFFh). When bit 6=0, the PIIX/PIIX3 does
not generate BIOSCS# or XOE# during these accesses and does not forward the accesses to
ISA.
5
Coprocessor Error function Enable. 1=Enable; the FERR# input, when asserted, triggers
IRQ13 (internal). FERR# is also used to gate the IGNNE# output.
4
IRQ12/M Mouse Function Enable. 1=Mouse function; 0=Standard IRQ12 interrupt function.
3
Reserved.
2
BIOSCS# Write Protect Enable. 1=Enable (BIOSCS# is asserted for BIOS memory read and
write cycles in decoded BIOS region); 0=Disable (BIOSCS# is only asserted for BIOS read
cycles).
1
Keyboard Controller Address Location Enable. 1=Enable KBCS# and XOE# for address
locations 60h and 64h. 0=Disable KBCS#/XOE# for accesses to these locations.
0
RTC Address Location Enable. 1=Enable RTCCS#/RTCALE and XOE# for accesses to
address locations 70–77h. 0=Disable RTCCS#/RTCALE and XOE# for these accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com