Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 23 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 23 Page - Intel Corporation

Back Button PIIX Datasheet HTML 19Page - Intel Corporation PIIX Datasheet HTML 20Page - Intel Corporation PIIX Datasheet HTML 21Page - Intel Corporation PIIX Datasheet HTML 22Page - Intel Corporation PIIX Datasheet HTML 23Page - Intel Corporation PIIX Datasheet HTML 24Page - Intel Corporation PIIX Datasheet HTML 25Page - Intel Corporation PIIX Datasheet HTML 26Page - Intel Corporation PIIX Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
23
ISA Compatible Registers
The ISA-Compatible registers (e.g., DMA registers, timer/counter registers, X-Bus registers, and NMI
registers) are accessed through normal I/O space. Except for the DMA registers, the PIIX/PIIX3 positively
decodes accesses to the ISA-Compatible registers. The PIIX/PIIX3 subtractively decodes accesses to all I/O
space registers contained within the ISA-Compatible DMA function. This permits another device in the
system to implement the compatible DMA function.
PCI master accesses to the ISA-Compatible registers can be 8, 16, 24, or 32 bits. However, the PIIX/PIIX3
only responds to the least significant byte. On writes the other bytes are not loaded and on reads the other
bytes have invalid data. The PIIX/PIIX3 responds as an 8-bit ISA I/O slave when accessed by an ISA master.
See the PCI Local Bus IDE section for accesses to the IDE register blocks located in the IDE device
In general, accesses from CPU or PCI masters to the internal PIIX/PIIX3 registers are not broadcast to the
ISA Bus. Exceptions to this are read/write accesses to 70h and F0h and write accesses to 80h, 84–86h, 88h,
8C–8Eh, 90h, 94–96h, 98h, and 9C–9Eh. These accesses are broadcast to the ISA Bus. Note that aliasing of
the 90–9Fh to 80–8Fh can be enabled/disabled via the ISA Controller Recovery Timer Register.
Power Management Registers
There are two power management registers located in normal I/O space. These registers are accessed (by
PCI Bus masters) with 8-bit accesses. The other power management registers are located in PCI
configuration space for function 0.
PCI Bus Master IDE Registers
The PCI Bus master IDE function uses 16 bytes located in normal I/O space, allocated via the BMIBA
register (a PCI base address register). All bus master IDE I/O space registers can be accessed as 8, 16, or
32-bit quantities.
Universal Serial Bus Registers
A set of USB registers provide control and status information for the Host Controller and two USB ports
(Table 7). This block of registers is I/O mapped into PCI I/O space and control variouos operations of the
USB Host Controller. The registers are relocateable via the USBBASE Register which is located in function 0
PCI configuration space.
Table 2. PCI Configuration Registers—Function 0 (PCI to ISA Bridge)
Configuration
Offset
Mnemonic
Register
Register
Access
00–01h
VID
Vendor Identification
RO
02–03h
DID
Device Identification
RO
04–05h
PCICMD
PCI Command
R/W
06–07h
PCISTS
PCI Device Status
R/WC
08h
RID
Revision Identification
RO
09
−0Bh
CLASSC
Class Code
RO
0C–0Dh
—
Reserved
—
0Eh
HEDT
Header Type
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com