Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 20 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 20 Page - Intel Corporation

Back Button PIIX Datasheet HTML 16Page - Intel Corporation PIIX Datasheet HTML 17Page - Intel Corporation PIIX Datasheet HTML 18Page - Intel Corporation PIIX Datasheet HTML 19Page - Intel Corporation PIIX Datasheet HTML 20Page - Intel Corporation PIIX Datasheet HTML 21Page - Intel Corporation PIIX Datasheet HTML 22Page - Intel Corporation PIIX Datasheet HTML 23Page - Intel Corporation PIIX Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
20
1.13.
Test Signals
Signal Name
Type
Description
TESTIN#/
APICREQ#
(PIIX3 Only)
I
I
TEST INPUT: This signal has two functions, depending on the
programming of the APIC Chip Select bit (XBCS Register). See the APIC
SIgnal Description for the APICREQ# function. The TESTIN# signal is used
in conjunction with the IRQ signals to select the various test modes of the
PIIX/PIIX3. This input contains an internal pull up resistor. After a hard
reset, this pin functions as a TESTIN# signal. An external weak pull-up
resistor (4.7k to 20k ohms) is required to 5V.
1.14.
Power and Ground Signals
Signal Name
Type
Description
VCC
Power (5 Volts): This pin is connected to the 5 volt power supply.
VCC3
(PIIX3)
Power (3.3 Volts): This pin is connected to the 3.3 volt power supply.
Note that, if the the Universal Serial Bus function is not used, this pin can
be connected to the 5 volt power supply.
GND
Ground: This pin is connected to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com