Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 54 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 54 Page - Intel Corporation

Back Button PIIX Datasheet HTML 50Page - Intel Corporation PIIX Datasheet HTML 51Page - Intel Corporation PIIX Datasheet HTML 52Page - Intel Corporation PIIX Datasheet HTML 53Page - Intel Corporation PIIX Datasheet HTML 54Page - Intel Corporation PIIX Datasheet HTML 55Page - Intel Corporation PIIX Datasheet HTML 56Page - Intel Corporation PIIX Datasheet HTML 57Page - Intel Corporation PIIX Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
54
2.4.2.
DID
DEVICE IDENTIFICATION REGISTER (Function 2) (PIIX3)
Address Offset:
02
−03h
Default Value:
7020h
Attribute:
Read Only
The DID Register contains the device identification number. This register, along with the VID Register, define
the PIIX. Writes to this register have no effect.
Bit
Description
15:0
Device Identification Number. This is a 16-bit value assigned to the PIIX3.
2.4.3.
PCICMD
COMMAND REGISTER (Function 2) (PIIX3)
Address Offset:
04
−05h
Default Value:
00h
Attribute:
Read/Write
This register controls access to the I/O space registers.
Bit
Description
15:10
Reserved. Read 0.
9
Fast Back to Back Enable (FBE). (Not Implemented) This bit is hardwired to 0.
8:5
Reserved. Read as 0.
4
Memory Write and Invalidate Enable (MWI). (Not Implemented) This bit is hardwired to
0.
3
Special Cycle Enable (SCE). (Not Implemented) This bit is hardwired to 0.
2
Bus Master Enable (BME). This bit controls the PIIX3’s ability to act as a master on the
PCI bus for the host controller transfers. A value of 0 disables the device from generating
PCI accesses. A value of 1 allows the device to behave as a USB host controller bus
master. This bit must be set to 1 before serial bus transactions can start.
1
Memory Space Enable (MSE). (Not Implemented) This bit is hardwired to 0.
0
I/O Space Enable (IOSE). 1=Enable. 0=Disable. This bit controls the access to the I/O
space registers. If this bit is set, access to the host controller IO registers is enabled. The
base register for the I/O registers must be programmed before this bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com