Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 48 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 48 Page - Intel Corporation

Back Button PIIX Datasheet HTML 44Page - Intel Corporation PIIX Datasheet HTML 45Page - Intel Corporation PIIX Datasheet HTML 46Page - Intel Corporation PIIX Datasheet HTML 47Page - Intel Corporation PIIX Datasheet HTML 48Page - Intel Corporation PIIX Datasheet HTML 49Page - Intel Corporation PIIX Datasheet HTML 50Page - Intel Corporation PIIX Datasheet HTML 51Page - Intel Corporation PIIX Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
48
2.3.3.
PCICMD—COMMAND REGISTER (Function 1)
Address Offset:
04–05h
Default Value:
0000h
Attribute:
Read/Write
The PCICMD Register controls access to the I/O space registers.
Bit
Description
15:10
Reserved. Read 0.
9
Fast Back to Back Enable (FBE). (Not Implemented) This bit is hardwired to 0.
8:5
Reserved. Read as 0.
4
Memory Write and Invalidate Enable (MWI). (Not Implemented) This bit is hardwired to 0.
3
Special Cycle Enable (SCE). (Not Implemented) This bit is hardwired to 0
2
Bus Master FunctionEnable (BME). 1=Enable. 0=Disable.
1
Memory Space Enable (MSE). (Not Implemented) This bit is hardwired to 1.
0
I/O Space Enable (IOSE). This bit controls access to the I/O space registers. When
IOSE=1, access to the Legacy IDE ports (both primary and secondary) and the PCI Bus
Master IDE I/O Registers is enabled. The Base Address Register for the PCI Bus Master IDE
I/O Registers should be programmed before this bit is set to 1.
2.3.4.
PCISTS—PCI DEVICE STATUS REGISTER (Function 1)
Address Offset:
06–07h
Default Value:
0280h
Attribute:
Read/Write
PCISTS is a 16-bit status register for the IDE interface function. The register also indicates the PIIX's
DEVSEL# signal timing.
Bit
Description
15
Detected Parity Error (PERR). (Not Implemented) Read as 0.
14
SERR# Status (SERRS). (Not Implemented) Read as 0.
13
Master-Abort Status (MAS)—R/W. When the Bus Master IDE interface function, as a master,
generates a master abort, MA is set to a 1. Software sets MA to 0 by writing a 1 to this bit.
12
Received Target-Abort Status (RTA)—R/W. When the Bus Master IDE interface function is a
master on the PCI Bus and receives a target abort, this bit is set to a 1. Software sets RTA to 0
by writing a 1 to this bit.
11
Signaled Target Abort Status (STA)—R/W. This bit is set when the PIIX/PIIX3 IDE interface
function is targeted with a transaction that the PIIX/PIIX3 terminates with a target abort.
Software resets STA to 0 by writing a 1 to this bit..
10:9
DEVSEL# Timing Status (DEVT)—RO. For the PIIX, DEVT=01 indicating medium timing for
DEVSEL# assertion when performing a positive decode. DEVSEL# timing does not include
configuration cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com