Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 64 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 64 Page - Intel Corporation

Back Button PIIX Datasheet HTML 60Page - Intel Corporation PIIX Datasheet HTML 61Page - Intel Corporation PIIX Datasheet HTML 62Page - Intel Corporation PIIX Datasheet HTML 63Page - Intel Corporation PIIX Datasheet HTML 64Page - Intel Corporation PIIX Datasheet HTML 65Page - Intel Corporation PIIX Datasheet HTML 66Page - Intel Corporation PIIX Datasheet HTML 67Page - Intel Corporation PIIX Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
64
2.5.1.6.
DS—DMA Status Register
I/O Address:
Channels 0-3—08h; Channels 4-7—0D0h
Default Value:
00h
Attribute:
Read Only
Each DMA controller has a read-only DMA Status Register that indicates which channels have reached
terminal count and which channels have a pending DMA request.
Bit
Description
7:4
Channel Request Status. When a valid DMA request is pending for a channel (on its DREQ
signal line), the corresponding bit is set to 1. When a DMA request is not pending for a
particular channel, the corresponding bit is set to 0. The source of the DREQ may be hardware
or a software request. Note that channel 4 does not have DREQ or DACK lines, so the
response for a read of DMA2 status for channel 4 is irrelevant.
Bit
Channel
40
5
1 (5)
6
2 (6)
7
3 (7)
3:0
Channel Terminal Count Status. 1=TC is reached; 0=TC is not reached.
Bit
Channel
00
1
1 (5)
2
2 (6)
3
3 (7)
2.5.1.7.
DMA Base And Current Address Registers (8237 Compatible Segment)
I/O Address:
DMA Channel 0—000h
DMA Channel 4—0C0h
DMA Channel 1—002h
DMA Channel 5—0C4h
DMA Channel 2—004h
DMA Channel 6—0C8h
DMA Channel 3—006h
DMA Channel 7—0CCh
Default Value:
XXXXh (CPURST or Master Clear)
Attribute:
Read/Write
This Register works in conjunction with the Low Page Register. After an autoinitialization, this register
retains the original programmed value. Autoinitialize takes place after a TC. The address register is
automatically incremented or decremented after each transfer. This register is read/written in
successive 8-bit bytes. The programmer must issue the "Clear Byte Pointer Flip-Flop" command to
reset the internal byte pointer and correctly align the write prior to programming the Current Address
Register. Autoinitialize takes place only after a TC.
Bit
Description
15:0
Base and Current Address [15:0]. These bits represent address bits [15:0] used when
forming the 24-bit address for DMA transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com