Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 38 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 38 Page - Intel Corporation

Back Button PIIX Datasheet HTML 34Page - Intel Corporation PIIX Datasheet HTML 35Page - Intel Corporation PIIX Datasheet HTML 36Page - Intel Corporation PIIX Datasheet HTML 37Page - Intel Corporation PIIX Datasheet HTML 38Page - Intel Corporation PIIX Datasheet HTML 39Page - Intel Corporation PIIX Datasheet HTML 40Page - Intel Corporation PIIX Datasheet HTML 41Page - Intel Corporation PIIX Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
38
Bit
Description
6
PIIX: Reserved.
PIIX3: EXTSMI# Mode Enable (ESMIME)
R/W. 1=Enable. 0=Disable (default). This bit is
used to enable a special SERR# handling protocol between the host-to-PCI bridge and the
PIIX3. When ESMIME is enabled, the operating mode of the EXTSMI# signal is determined
by the duration of the EXTSMI# signal. If the EXTSMI# signal is asserted for one PCLK, an
SERR# is reported in the NMISC Register (address 61h) and an NMI is generated, if enabled
in the NMI Registers (address 61h and 70h). If EXTSMI# is asserted for more than one
PCLK, the standard mode for handling EXTSMI# is used (i.e., same as when this bit is set to
0).
When disabled (standard mode) and a falling edge is detected on EXTSMI#, an SMI is
signaled, if EXTSMI# signaling is enabled.
Host-to-PCI
Bridge
SERR#
Gate not necessary
if system EXTSMI#
is not used
System EXTSMI#
(Assumes minimum
assertion of more
than one PCLK)
EXTSMI#
PIIX3
SMI_NMI.drw
5
Reserved.
4
PIIX: Reserved.
PIIX3: USB Enable (USBE)
R/W. 1=Enable. 0=Disable (default). When disabled, all USB
functionality is disabled. This bit must be set to 1 to access function 2 configuration space.
Note that dynamically disabling USB is not supported in PIIX3. This bit is used to
enable/disable the USB at boot time. In case software has to disable the USB during run time
it has to do the following: Software must turn off the master enable and I/O Decode Enable
for function 2 (via the PCICMD Register, function 2) prior to writing this bit to 0.
3
Reserved.
2
PIIX: PCI Header Type Bit Enable
R/W. This bit controls the Header Type Bit in the PIIX
register 0Eh which defines the PIIX as a multifunction device. This bit defaults to 1
(Multifunction device) and should be left in the default state.
PIIX3: Reserved.
1
PIIX: Internal ISA DMA or External DMA Mode Status (IEDMAS)
RO. 0=Normal DMA
Operation. This bit reports the strapping option selected on the TC signal (pulled high at reset
for a value of 0).
PIIX3: Reserved,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com