Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 49 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 49 Page - Intel Corporation

Back Button PIIX Datasheet HTML 45Page - Intel Corporation PIIX Datasheet HTML 46Page - Intel Corporation PIIX Datasheet HTML 47Page - Intel Corporation PIIX Datasheet HTML 48Page - Intel Corporation PIIX Datasheet HTML 49Page - Intel Corporation PIIX Datasheet HTML 50Page - Intel Corporation PIIX Datasheet HTML 51Page - Intel Corporation PIIX Datasheet HTML 52Page - Intel Corporation PIIX Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
49
Bit
Description
8
Data Parity Detected (DPD). (Not Implemented) Read as 0.
7
Fast Back to back Capable (FBC)—RO. Hardwired to 1. This bit indicates to the PCI Master
that PIIX, as a target, is capable of accepting fast back-to-back transactions.
6:0
Reserved. Read as 0’s.
2.3.5.
RID—REVISION IDENTIFICATION REGISTER (Function 1)
Address Offset:
08h
Default Value:
Refer to applicable specification update document
Attribute:
Read Only
This 8 bit register contains device stepping information. Writes to this register have no effect.
Bit
Description
7:0
Revision ID Byte. The register is hardwired to the default value during manufacturing.
2.3.6.
CLASSC
CLASS CODE REGISTER (Function 1)
Address Offset:
09
−0Bh
Default Value:
010180h
Attribute:
Read Only
This register contains the device programming interface information related to the Sub-Class Code and Base
Class Code definition for the PIIX3 (function 1). This register also identifies the Base Class Code and the
function sub-class in relation to the Base Class Code.
Bit
Description
23:1
6
Base Class Code (BASEC). 01h=Mass storage device.
15:8
Sub-Class Code (SCC). 01h=IDE controller.
7:0
Programming Interface (PI). 80h=Capable of IDE bus master operation.
2.3.7.
MLT—MASTER LATENCY TIMER REGISTER (Function 1)
Address Offset:
0Dh
Default Value:
00h
Attribute:
Read / Write
MLT controls the amount of time PIIX, as a bus master, can burst data on the PCI Bus. The count value is an
8-bit quantity. However, MLT[3:0] are reserved and 0 when determining the count value. MLT is cleared and
suspended when PIIX/PIIX3 is not asserting FRAME#. When PIIX/PIIX3 asserts FRAME#, the counter
begins counting. If the PIIX/PIIX3 finishes its transaction before the count expires, the MLT count is ignored.
If the count expires before the transaction completes (count = # of clocks programmed in MLT), PIIX/PIIX3
initiates a transaction termination as soon as its PHLDA# is removed. The number of clocks programmed in
the MLT represents the guaranteed time slice (measured in PCI clocks) allotted to PIIX. The default value of
MLT is 00h or 0 PCI clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com