Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 55 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 55 Page - Intel Corporation

Back Button PIIX Datasheet HTML 51Page - Intel Corporation PIIX Datasheet HTML 52Page - Intel Corporation PIIX Datasheet HTML 53Page - Intel Corporation PIIX Datasheet HTML 54Page - Intel Corporation PIIX Datasheet HTML 55Page - Intel Corporation PIIX Datasheet HTML 56Page - Intel Corporation PIIX Datasheet HTML 57Page - Intel Corporation PIIX Datasheet HTML 58Page - Intel Corporation PIIX Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
55
2.4.4.
DS
DEVICE STATUS REGISTER (Function 2) (PIIX3)
Address Offset:
06
−07h
Default Value:
0280h
Attribute:
Read/Write
DSR is a 16-bit status register that reports the occurrence of a PCI master-abort by the USB HC module or a
PCI target-abort when the Serial Bus module is a master. The register also indicates the USB HC module
DEVSEL# signal timing that is hardwired in the USB HC module. The DS fields are shown in the table below.
Bit
Description
15
Detected Parity Error (PERR). (Not Implemented) Read as 0.
14
SERR# Status (SERRS). (Not Implemented) Read as 0.
13
Master-Abort Status (MAS)
R/WC:. When the Serial Bus module generates a master-abort,
MA is set to a 1. Software sets MA to 0 by writing a 1 to this bit.
12
Received Target-Abort Status (RTA)
R/WC. When the Serial Bus module is a master on
the PCI Bus and receives a target-abort, this bit is set to a 1. Software resets RTA to 0 by
writing a 1 to this bit.
11
Signaled Target-Abort Status (STA)
R/WC. This bit is set when the Serial Bus module
function is targeted with a transaction that the Serial Bus module terminates with a target abort.
Software resets STA to 0 by writing a 1 to this bit.
10:9
DEVSEL# Timing Status (DEVT)
RO. This 2-bit field defines the timing for DEVSEL#
assertion. These read only bits indicate the PIIX3’s DEVSEL# timing when performing a
positive decode. Since the PIIX3 always generate the DEVSEL# with medium timing,
DEVT=01. This DEVSEL# timing does not include Configuration cycles.
8
Data Parity Detected (DPD). (Not Implemented). Read as 0.
7
Fast Back to Back Capable (FBC)
RO. Hardwired to 1. This bit indicates to the PCI Master
that Serial Bus module as a target is capable of accepting fast back-to-back transactions.
6:0
Reserved. Read as 0's.
2.4.5.
RID
REVISION IDENTIFICATION REGISTER (Function 2) (PIIX3)
Address Offset:
08h
Default Value:
Refer to applicable specification update document
Attribute:
Read Only
This 8-bit register contains device stepping information. Writes to this register have no effect.
Bit
Description
7:0
Revision ID Byte. The register is hardwired to the default value during manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com