Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 92 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 92 Page - Intel Corporation

Back Button PIIX Datasheet HTML 88Page - Intel Corporation PIIX Datasheet HTML 89Page - Intel Corporation PIIX Datasheet HTML 90Page - Intel Corporation PIIX Datasheet HTML 91Page - Intel Corporation PIIX Datasheet HTML 92Page - Intel Corporation PIIX Datasheet HTML 93Page - Intel Corporation PIIX Datasheet HTML 94Page - Intel Corporation PIIX Datasheet HTML 95Page - Intel Corporation PIIX Datasheet HTML 96Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
92
3.3.
ISA Interface
The PIIX/PIIX3 incorporates a fully ISA Bus compatible master and slave interface. The PIIX/PIIX3 directly
drives five ISA slots without external data buffers. External transceivers are used on the SA[19:8] and SBHE#
signals to permit these signals to be used with the IDE interface (Figure 1). The ISA interface also provides
byte swap logic, I/O recovery support, wait state generation, and SYSCLK generation.
The ISA interface supports the following types of cycles:
• PCI master-initiated I/O and memory cycles to the ISA Bus
• DMA compatible cycles between main memory and ISA I/O and between ISA I/O and ISA memory
• Enhanced DMA cycles between PCI memory and ISA I/O (for motherboard devices only)
• ISA refresh cycles initiated by either the PIIX/PIIX3 or an external ISA master
• ISA master-initiated memory cycles to PCI and ISA master-initiated I/O cycles to the internal PIIX/PIIX3
registers, as shown in ISA-Compatible Register table in the Register Description section.
ALS245
SOE#,
SDIR
LA[23:17]
SA[19:8]
SBHE#
PCS#
051908_3.drw
PIIX/PIIX3
DD[15:0]
14
BIOSCS#,
RTCCS#,
KBCCS#
SA[7:0]
SD[15:0]
To IDE
Connector
ISA
Control
Signals
051908
Figure 1. ISA Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com