Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 95 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 95 Page - Intel Corporation

Back Button PIIX Datasheet HTML 91Page - Intel Corporation PIIX Datasheet HTML 92Page - Intel Corporation PIIX Datasheet HTML 93Page - Intel Corporation PIIX Datasheet HTML 94Page - Intel Corporation PIIX Datasheet HTML 95Page - Intel Corporation PIIX Datasheet HTML 96Page - Intel Corporation PIIX Datasheet HTML 97Page - Intel Corporation PIIX Datasheet HTML 98Page - Intel Corporation PIIX Datasheet HTML 99Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
95
3.5.
PCI Local Bus IDE
The PIIX/PIIX3 integrates a high performance interface from PCI to IDE. This interface is capable of
accelerated PIO data transfers as well as acting as a PCI Bus master on behalf of an IDE DMA slave device.
The PIIX/PIIX3 provides an interface for both primary and secondary IDE connectors (Figure 3).
The IDE data transfer command strobes, DMA request and grant signals, and IORDY signal interface directly
to the PIIX. The IDE data lines interface directly to the PIIX, and are buffered to provide part of the ISA
address bus as well as the X-Bus chip select signals. The IDE address and chip select signals are
multiplexed onto the LA[23:17] lines. The IDE connector signals are driven from the LA[23:17] lines by an
ALS244 buffer.
Only PCI masters have access to the IDE port. ISA Bus masters cannot access the IDE I/O port addresses.
Memory targeted by the IDE interface acting as a PCI Bus master on behalf of IDE DMA slaves must reside
on PCI, usually main memory implemented by the host-to-PCI bridge.
ALS245
SOE#
SDIR
LA[23:17]
SA[19:8]
SBHE#
PCS#
APICCS#
ISA Bus Signals
ALS245
DD[15:0]
Primary
IDE
Connector
Secondary
IDE
Connector
IORDY
DIOR#
DIOW#
DDRQ0
DDACK0#
DDRQ1
DDACK1#
051903_3.drw
PIIX/PIIX3
DA[2:0]
DA[2:0]
CS1S#
CS3S#
CS1P#
CS3P#
SOE#
74ALS00
SOE#
SDIR
LA[23]/
CS1S
LA[22]/
CS3S
LA[21]/
CS1P
LA[20]/
CS3P
051903
NOTES:
Support for Older Drives: There are cases where the PIIX/PIIX3 asserts both IDE chip selects (CS1x and CS3x). Some older
drives may not operate properly when both chip selects are asserted. Because the IDE chip selects are muxed with the ISA LA
lines, the 74ALS00 in the figure is used to ensure proper operation of older drives by gating the LA signals with SOE#.
Figure 3. PIIX/PIIX3 IDE Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com