Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 66 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 66 Page - Intel Corporation

Back Button PIIX Datasheet HTML 62Page - Intel Corporation PIIX Datasheet HTML 63Page - Intel Corporation PIIX Datasheet HTML 64Page - Intel Corporation PIIX Datasheet HTML 65Page - Intel Corporation PIIX Datasheet HTML 66Page - Intel Corporation PIIX Datasheet HTML 67Page - Intel Corporation PIIX Datasheet HTML 68Page - Intel Corporation PIIX Datasheet HTML 69Page - Intel Corporation PIIX Datasheet HTML 70Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
66
2.5.1.10.
DMA Clear Byte Pointer Register
I/O Address:
Channels 0-3—00Ch; Channels 4-7—0D8h
Default Value:
All bits undefined
Attribute:
Write Only
Writing to this register executes the Clear Byte Pointer Command. This command is executed prior to
reading/writing a new address or word count to the DMA. The command initializes the byte pointer flip-
flop to a known state so that subsequent accesses to register contents address upper and lower bytes
in the correct sequence. The Clear Byte Pointer Command (or CPURST or the Master Clear
Command) clears the internal latch used to address the upper or lower byte of the 16-bit Address and
Word Count Registers.
Bit
Description
7:0
Clear Byte Pointer. No specific pattern. Command enabled with a write to the I/O port
address.
2.5.1.11.
DMC—DMA Master Clear Register
I/O Address:
Channel 0-3—00Dh; Channel 4-7—0DAh
Default Value:
All bits undefined
Attribute:
Write Only
This software instruction has the same effect as the hardware Reset.
Bit
Description
7:0
Master Clear. No specific pattern. Command enabled with a write to the I/O port address
2.5.1.12.
DCLM—DMA Clear Mask Register
I/O Address:
Channel 0-3—00Eh; Channel 4-7—0DCh
Default Value:
All bits undefined
Attribute:
Write Only
This command clears the mask bits of all four channels, enabling them to accept DMA requests.
Bit
Description
7:0
Clear Mask Register. No specific pattern. Command enabled with a write to the I/O port
address.
2.5.2.
TIMER/COUNTER REGISTER DESCRIPTION
2.5.2.1.
TCW—Timer Control Word Register
I/O Address:
043h
Default Value:
All bits undefined
Attribute:
Write Only
The Timer Control Word Register specifies the counter selection, the operating mode, the counter byte
programming order and size of the count value, and whether the counter counts down in a 16-bit or binary-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com