Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 50 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 50 Page - Intel Corporation

Back Button PIIX Datasheet HTML 46Page - Intel Corporation PIIX Datasheet HTML 47Page - Intel Corporation PIIX Datasheet HTML 48Page - Intel Corporation PIIX Datasheet HTML 49Page - Intel Corporation PIIX Datasheet HTML 50Page - Intel Corporation PIIX Datasheet HTML 51Page - Intel Corporation PIIX Datasheet HTML 52Page - Intel Corporation PIIX Datasheet HTML 53Page - Intel Corporation PIIX Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
50
Bit
Description
7:4
Master Latency Timer Count Value. PIIX-initiated PCI burst cycles can last indefinitely, as
long as PHLDA# remains active. However, if PHLDA# is negated after the burst cycle is
initiated, PIIX/PIIX3 limits the burst cycle to the number of PCI Bus clocks specified by this
field.
3:0
Reserved
2.3.8.
HEDT—HEADER TYPE REGISTER (Function 1)
Address Offset:
0Eh
Default Value:
00h
Attribute:
Read Only
The HEDT Register identifies the PIIX/PIIX3 as a multi-function device.
Bit
Description
7:0
Device Type (DEVICET). 00. Multi-function device capability for PIIX/PIIX3 is defined by the
HEDT register in Function 0.
2.3.9.
BMIBA—BUS MASTER INTERFACE BASE ADDRESS REGISTER (Function 1)
Address Offset:
20–23h
Default Value:
00000001h
Attribute:
Read/Write
This register selects the base address of a 16 byte I/O space to provide a software interface to the Bus
Master functions. Only 12 bytes are actually used (6 bytes for primary and 6 bytes for secondary).
Bit
Description
31:16
Reserved. Hardwired to 0.
15:4
Bus Master Interface Base Address. These bits provide the base address for the Bus
Master interface registers and correspond to AD[15:4].
3:2
Reserved. Hardwired to 0.
1
Reserved.
0
Resource Type Indicator (RTE)—RO. This bit is hardwired to 1 indicating that the base
address field in this register maps to I/O space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com