Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 72 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 72 Page - Intel Corporation

Back Button PIIX Datasheet HTML 68Page - Intel Corporation PIIX Datasheet HTML 69Page - Intel Corporation PIIX Datasheet HTML 70Page - Intel Corporation PIIX Datasheet HTML 71Page - Intel Corporation PIIX Datasheet HTML 72Page - Intel Corporation PIIX Datasheet HTML 73Page - Intel Corporation PIIX Datasheet HTML 74Page - Intel Corporation PIIX Datasheet HTML 75Page - Intel Corporation PIIX Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
72
2.5.3.6.
OCW1—Operational Control Word 1 Register
I/O Address:
INT CNTRL-1—021h; INT CNTRL-2—0A1h
Default Value:
00h
Attribute:
Read/Write
OCW1 sets and clears the mask bits in the Interrupt Mask Register (IMR). Each interrupt request line may be
selectively masked or unmasked any time after initialization. The IMR stores the interrupt line mask bits. The
IMR operates on the IRR. Masking of a higher priority input does not affect the interrupt request lines of lower
priority. Unlike status reads of the ISR and IRR, for reading the IMR, no OCW3 is needed. The output data
bus contains the IMR when an I/O read is active and the I/O address is 021h or 0A1h (OCW1). All writes to
OCW1 must occur following the ICW1-ICW4 initialization sequence, since the same I/O ports are used for
OCW1, ICW2, ICW3 and ICW4.
Bit
Description
7:0
Interrupt Request Mask (Mask [7:0]). When a 1 is written to any bit in this register, the
corresponding IRQx line is masked. For example, if bit 4 is set to a 1, then IRQ4 is masked.
Interrupt requests on IRQ4 do not set channel 4's interrupt request register (IRR) bit as long is
the channel is masked. When a 0 is written to any bit in this register, the corresponding IRQx
is unmasked. Note that masking IRQ2 on CNTRL-1 also masks the interrupt requests from
CNTRL-2, which is physically cascaded to IRQ2.
2.5.3.7.
OCW2—Operational Control Word 2 Register
I/O Address:
INT CNTRL-1—020h; INT CNTRL-2—0A0h
Default Value:
Bit[4:0]=undefined; Bit[7:5]=001
Attribute:
Write Only
OCW2 controls both the Rotate Mode and the End of Interrupt Mode. Following a CPURST or ICW
initialization, the controller enters the fully nested mode of operation. Both rotation mode and specific EOI
mode are disabled following initialization.
Bit
Description
7:5
Rotate and EOI Codes. R, SL, EOI - These three bits control the Rotate and End of Interrupt
modes and combinations of the two. A chart of these combinations is listed above under the bit
definition.
Bits[7:5] Function Bits[7:5] Function
001
Non-specific EOI Cmd
000
Rotate in Auto EOI Mode (Clear)
011
Specific EOI Cmd
111
*Rotate on Specific EOI Cmd
101
Rotate on Non-Specific EOI Cmd
110
*Set Priority Cmd
100
Rotate in Auto EOI Mode (Set)
010
No Operation
* L0 - L2 Are Used
4:3
OCW2 Select. Must be programmed to 00 selecting OCW2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com