Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 37 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 37 Page - Intel Corporation

Back Button PIIX Datasheet HTML 33Page - Intel Corporation PIIX Datasheet HTML 34Page - Intel Corporation PIIX Datasheet HTML 35Page - Intel Corporation PIIX Datasheet HTML 36Page - Intel Corporation PIIX Datasheet HTML 37Page - Intel Corporation PIIX Datasheet HTML 38Page - Intel Corporation PIIX Datasheet HTML 39Page - Intel Corporation PIIX Datasheet HTML 40Page - Intel Corporation PIIX Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
37
Bit
Description
3
ISA/DMA Lower BIOS Forwarding Enable. 1=Enable (forwarded to PCI, if XBCS Register
bit 6=0); 0=Disable (contained to ISA). Note that If the XBCS Register bit 6=1, ISA/DMA
accesses in this region are always contained to ISA.
2
PIIX: Reserved
PIIX3: A,B Segment Forwarding Enable. 1=Enable (forward to PCI), 0 = Disable (default,
contain to ISA). When enabled, this bit allows ISA Master and DMA memory accesses to
A0000h
−BFFFFh range to be forwarded to PCI. When disabled, these accesses are
contained to ISA.
1
ISA/DMA 512–640-Kbyte Region Forwarding Enable. 1=Enable (forwarded to PCI);
0=Disable (contained to ISA).
0
Reserved
2.2.12.
MSTAT—MISCELLANEOUS STATUS REGISTER (Function 0)
Address Offset:
6B–6Ah
Default Value:
Undefined
Attribute:
PIIX: Read/Write (bits [1:0] are read only)
PIIX3: Read/Write Clear(bits 1 is read only)
This register provides miscellaneous status and control functions.
Bit
Description
15
PIIX: Reserved.
PIIX3: SERR# Generation Due To Delayed Transaction
R/WC. PIIX3 sets this bit to a 1
when it generates SERR# due to a delayed transaction. Software sets this bit to a 0 by writing
a 1 to it.
14:8
Reserved.
7
PIIX: Reserved
PIIX3: NB Retry Enable (NBRE)--R/W, 1=Enable, 0 = Disable (default). This bit, when
enabled, causes the PIIX3 to retry, without initiating a delayed transaction, CPU initiated,
non-LOCK#, PCI cycles. No delayed transactions to PIIX3 may currently be pending and
passive release must be active. Delayed Transactions and Passive Release must both be
enabled via the DLC Register (function 0, offset 82h). When disabled, the PIIX3 accepts
these cycles as normal, which may include retry with initiation of a delayed transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com