Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 69 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 69 Page - Intel Corporation

Back Button PIIX Datasheet HTML 65Page - Intel Corporation PIIX Datasheet HTML 66Page - Intel Corporation PIIX Datasheet HTML 67Page - Intel Corporation PIIX Datasheet HTML 68Page - Intel Corporation PIIX Datasheet HTML 69Page - Intel Corporation PIIX Datasheet HTML 70Page - Intel Corporation PIIX Datasheet HTML 71Page - Intel Corporation PIIX Datasheet HTML 72Page - Intel Corporation PIIX Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
69
Bit
Description
6
Count Register Status. This bit indicates when the last count written to the Count Register
(CR) has been loaded into the counting element (CE). 0=Count has been transferred from CR
to CE and is available for reading. 1=Count has not been transferred from CR to CE and is not
yet available for reading.
5:4
Read/Write Selection Status. Bits[5:4] reflect the read/write selection made through bits[5:4]
of the Control Register.
Bit[5:4]
Function
00
Counter Latch Command
01
R/W Least Significant Byte (LSB)
10
R/W Most Significant Byte (MSB)
11
R/W LSB then MSB
3:1
Mode Selection Status. Bits[3:1] return the counter mode programming.
Bit[3:1]
Mode Selected
Bit[3:1]
Mode Selected
000
0
X11
3
001
1
100
4
X10
2
101
5
0
Countdown Type Status. 0=Binary countdown; 1=Binary coded decimal (BCD) countdown.
2.5.2.3.
Counter Access Ports Register
I/O Address:
Counter 0—040h; Counter 1—041h; Counter 2—042h
Default Value:
All bits undefined
Attribute:
Read/Write
Each of these I/O ports is used for writing count values to the Count Registers; reading the current count
value from the counter by either an I/O read, after a counter-latch command, or after a Read Back Command;
and reading the status byte following a Read Back Command.
Bit
Description
7:0
Counter Port bit[x]. Each counter I/O port address is used to program the 16-bit Count
Register. The order of programming, either LSB only, MSB only, or LSB then MSB, is defined
with the Interval Counter Control Register. The counter I/O port is also used to read the current
count from the Count Register and return counter programming status following a Read Back
Command.
2.5.3.
INTERRUPT CONTROLLER REGISTERS
The PIIX/PIIX3 contains an ISA-Compatible interrupt controller that incorporates the functionality of two
82C59 interrupt controllers. The interrupt registers control the operation of the interrupt controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com