Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 73 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 73 Page - Intel Corporation

Back Button PIIX Datasheet HTML 69Page - Intel Corporation PIIX Datasheet HTML 70Page - Intel Corporation PIIX Datasheet HTML 71Page - Intel Corporation PIIX Datasheet HTML 72Page - Intel Corporation PIIX Datasheet HTML 73Page - Intel Corporation PIIX Datasheet HTML 74Page - Intel Corporation PIIX Datasheet HTML 75Page - Intel Corporation PIIX Datasheet HTML 76Page - Intel Corporation PIIX Datasheet HTML 77Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
73
Bit
Description
2:0
Interrupt Level Select (L2, L1, L0). L2, L1, and L0 determine the interrupt level acted upon
when the SL bit is active (bit 6). When the SL bit is inactive, bits [2:0] do not have a defined
function; programming L2, L1 and L0 to 0 is sufficient in this case.
Bit[2:0]
Interrupt Level
Bit[2:0]
Interrupt Level
000
IRQ 0(8)
100
IRQ 4(12)
001
IRQ 1(9)
101
IRQ 5(13)
010
IRQ 2(10)
110
IRQ 6(14)
011
IRQ 3(11)
111
IRQ 7(15)
2.5.3.8.
OCW3—Operational Control Word 3 Register
I/O Address:
INT CNTRL-1—020h; INT CNTRL-2—0A0h
Default Value:
Bit[6,0]=0; Bit[7,4:2]=Undefined; Bit[5,1]=1
Attribute:
Read/Write
OCW3 serves three important functions—Enable Special Mask Mode, Poll Mode control, and IRR/ISR
register read control.
Bit
Description
7
Reserved. Must be 0.
6
Special Mask Mode (SMM). If ESMM=1 and SMM=1, the interrupt controller enters Special
Mask Mode. If ESMM=1 and SMM=0, the interrupt controller is in normal mask mode. When
ESMM=0, SMM has no effect.
5
Enable Special Mask Mode (ESMM). 1=Enable SMM bit; 0=Disable SMM bit.
4:3
OCW3 Select. Must be programmed to 01 selecting OCW3.
2
Poll Mode Command. 0=Disable Poll Mode Command. When bit 2=1, the next I/O read to
the interrupt controller is treated as an interrupt acknowledge cycle indicating highest priority
request..
1:0
Register Read Command. Bits [1:0] provide control for reading the In-Service Register (ISR)
and the Interrupt Request Register (IRR). When bit 1=0, bit 0 doesl not affect the register read
selection. When bit 1=1, bit 0 selects the register status returned following an OCW3 read. If
bit 0=0, the IRR will be read. If bit 0=1, the ISR will be read. Following ICW initialization, the
default OCW3 port address read will be "read IRR". To retain the current selection (read ISR or
read IRR), always write a 0 to bit 1 when programming this register. The selected register can
be read repeatedly without reprogramming OCW3. To select a new status register, OCW3
must be reprogrammed prior to attempting the read.
Bit[1:0]
Function
00
No Action
01
No Action
10
Read IRQ Register
11
Read IS Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com