Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 84 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 84 Page - Intel Corporation

Back Button PIIX Datasheet HTML 80Page - Intel Corporation PIIX Datasheet HTML 81Page - Intel Corporation PIIX Datasheet HTML 82Page - Intel Corporation PIIX Datasheet HTML 83Page - Intel Corporation PIIX Datasheet HTML 84Page - Intel Corporation PIIX Datasheet HTML 85Page - Intel Corporation PIIX Datasheet HTML 86Page - Intel Corporation PIIX Datasheet HTML 87Page - Intel Corporation PIIX Datasheet HTML 88Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
84
select a particular entry in the Frame List during schedule execution. (Frame List is one of the data structures
located in system memory that is processed by the Host Controller.)
This register must be written as a word. Byte writes are not supported. This register cannot be written unless
the Host Controller is in the STOPPED state as indicated by the HCHalted bit (USBSTS register). A write to
this register while the Run/Stop bit (USBCMD register) is set is ignored.
Bit
Description
15:11
Reserved.
10:0
Frame List Current Index/Frame Number. Bits [10:0] provide the frame number in the SOF
Frame. The value in this register increments at the end of each time frame (approximately
every 1 ms). In addition, bits [9:0] are used for the Frame List current index and correspond
to memory address signals [11:2].
2.8.5.
FLBASEADD
Frame List Base Address Register
I/O Address:
Base + (08
−0Bh)
Default Value:
Undefined
Attribute:
Read/Write
Size:
32 bits
This 32-bit register contains the beginning address of the Frame List in the system memory. Software loads
this register prior to starting the schedule execution by the Host Controller. When written, only the upper 20
bits are used. The lower 12 bits are written as zero (4 Kbyte alignment). The contents of this register are
combined with the frame number counter to enable the Host Controller to step through the Frame List in
sequence. The two lsb are always 00. This requires DWord alignment for all list entries. This configuration
supports 1K (1024) Frame List entries.
Note that Frame List is one of the data structures located in system memory that is processed by the Host
Controller during schedule execution.
Bit
Description
31:12
Base Address. These bits correspond to memory address signals [31:12], respectively.
11:0
Reserved. Must be written as 0s.
2.8.6.
Start Of Frame (SOF) Modify Register
I/O Address:
Base + (0Ch)
Default Value:
40
Attribute:
Read/Write
Size:
8 bits
This one byte register is used to modify the value used in the generation of SOF timing on the USB. Only the
7 least significant bits are used. When a new value is written into the these 7 bits, the SOF timing of the next
frame will be adjusted. This feature can be used to adjust out any offset from the frequency synthesizer that
generates the clock that drives the SOF counter. This register can also be used to maintain real time
synchronization with the rest of the system so that all devices have the same sense of real time. Using this
register, the frame length can be adjusted across the full range required by the USB specification.
It’s initial programmed value is system dependent based on the accuracy of hardware USB clock and is
initialized by system BIOS. It may be reprogrammed by USB system software at any time. Its new value will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com