Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 52 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 52 Page - Intel Corporation

Back Button PIIX Datasheet HTML 48Page - Intel Corporation PIIX Datasheet HTML 49Page - Intel Corporation PIIX Datasheet HTML 50Page - Intel Corporation PIIX Datasheet HTML 51Page - Intel Corporation PIIX Datasheet HTML 52Page - Intel Corporation PIIX Datasheet HTML 53Page - Intel Corporation PIIX Datasheet HTML 54Page - Intel Corporation PIIX Datasheet HTML 55Page - Intel Corporation PIIX Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
52
Bit
Description
4
Fast Timing Bank Drive Select 1 (TIME1). When TIME1=0, accesses to the data port of
the enabled I/O address range use the 16-bit compatible timing PCI local bus path.
When TIME1=1 and the currently selected drive (via a copy of bit 4 of 1x6h) is Drive 1,
accesses to the data port of the enabled I/O address range use the fast timing bank PCI local
bus IDE path. Accesses to the data port use fast timing only if bit 7 of this register (DTE1) is
zero. Accesses to all non-data ports of the enabled I/O address range use the 8-bit
compatible timing PCI local bus path.
3
DMA Timing Enable Only (DTE0). When DTE0=1, fast timing mode is enabled for DMA
data transfers for drive 0. Note that PIO transfers to the IDE data port still run in compatible
timing.
2
Prefetch and Posting Enable (PPE0). 1=Enable; 0=Disable. When enabled, prefetch and
posting to the IDE data port is enabled for drive 0.
1
IORDY Sample Point Enable Drive Select 0 (IE0). When IE0=0, IORDY sampling is
disabled for Drive 0. The internal IORDY signal is forced asserted guaranteeing that IORDY
is sampled asserted at the first sample point as specified by the ISP field in this register.
When IE0=1 and the currently selected drive (via a copy of bit 4 of 1x6h) is Drive 0, all
accesses to the enabled I/O address range sample IORDY. The IORDY sample point is
specified by the ISP field in this register.
0
Fast Timing Bank Drive Select 0 (TIME0). When TIME0=0, accesses to the data port of
the enabled I/O address range uses the 16-bit compatible timing PCI local bus path.
When TIME0=1 and the currently selected drive (via a copy of bit 4 of 1x6h) is Drive 0,
accesses to the data port of the enabled I/O address range use the fast timing bank PCI local
bus IDE path. Accesses to the data port use fast timing only if bit 3 of this register (DTE0) is
0. Accesses to all non-data ports of the enabled I/O address range use the 8-bit compatible
timing PCI local bus path.
2.3.11.
SIDETIM—SLAVE IDE TIMING REGISTER (Function 1) (PIIX3 Only)
Address Offset:
44h
Default Value:
00h
Attribute:
Read / Write Only
This register controls the PIIX3’s IDE interface and selects the timing characteristics for the slave drives on
each IDE channel. This allows for programming of independent operating modes for each IDE agent. This
register has no affect unless the SITRE bit is enabled in the IDETIM Register.
Bit
Description
7:6
Secondary Drive 1 IORDY Sample Point (SISP1). This field selects the number of clocks
between DIOx# assertion and the first IORDY sample point for the slave drive on the
secondary channel.
Bits[7:6]
Number Of Clocks
00
5
01
4
10
3
11
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com