Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX Datasheet(PDF) 16 Page - Intel Corporation

Part # PIIX
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX Datasheet(HTML) 16 Page - Intel Corporation

Back Button PIIX Datasheet HTML 12Page - Intel Corporation PIIX Datasheet HTML 13Page - Intel Corporation PIIX Datasheet HTML 14Page - Intel Corporation PIIX Datasheet HTML 15Page - Intel Corporation PIIX Datasheet HTML 16Page - Intel Corporation PIIX Datasheet HTML 17Page - Intel Corporation PIIX Datasheet HTML 18Page - Intel Corporation PIIX Datasheet HTML 19Page - Intel Corporation PIIX Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
16
1.7.
Interrupt Controller Signals
Signal Name
Type
Description
IRQ[15,14,
11:9, 7:3,1]
I
INTERRUPT REQUEST: The IRQ signals provide both system board
components and ISA Bus I/O devices with a mechanism for
asynchronously interrupting the CPU. The assertion mode of these
inputs depends on the programming of the two ELCR registers. The
IRQ14 signal must be used by the Bus Master IDE interface function
to signal interrupts on the primary IDE channel.
IRQ8#
I
INTERRUPT REQUEST EIGHT SIGNAL: IRQ8# is always an active
low edge triggered interrupt input (i.e., this interrupt can not be
modified by software). Upon PCIRST#, IRQ8# is placed in active low
edge sensitive mode.
IRQ12/M
I
INTERRUPT REQUEST/MOUSE INTERRUPT: In addition to
providing the standard interrupt function (see IRQ[15,14,11:9,7:3,1]
signal description), this pin can be programmed (via X-Bus Chip
Select Register) to provide a mouse interrupt function.
PIRQ[D:A]#
I
I/O For
PIRQD#
(PIIX3
only)
PROGRAMMABLE INTERRUPT REQUEST: The PIRQx# signals
can be shared with interrupts IRQ[15,14,12:9,7:3] as described in the
Interrupt Steering section. Each PIRQx# line has a separate Route
Control Register. These signals require external pull-up resisters.
For the PIIX3, the USB interrupt is output on PIRQD#.
INTR
od
CPU INTERRUPT: INTR is driven by the PIIX/PIIX3 to signal the CPU
that an interrupt request is pending and needs to be serviced. The
interrupt controller must be programmed following PCIRST# to ensure
that INTR is at a known state.
NMI
od
NON-MASKABLE INTERRUPT: NMI is used to force a non-maskable
interrupt to the CPU. The PIIX/PIIX3 generates an NMI when either
SERR# or IOCHK# is asserted, depending on how the NMI Status
and Control Register is programmed.
1.8.
System Power Management (SMM) Signals
Signal Name
Type
Description
SMI#
od
SYSTEM MANAGEMENT INTERRUPT: SMI# is an active low
synchronous output that is asserted by the PIIX/PIIX3 in response to one
of many enabled hardware or software events.
STPCLK#
od
STOP CLOCK: STPCLK# is an active low synchronous output that is
asserted by the PIIX/PIIX3 in response to one of many hardware or
software events. STPCLK# connects directly to the CPU and is
synchronous to PCICLK.
EXTSMI#
I
EXTERNAL SYSTEM MANAGEMENT INTERRUPT: EXTSMI# is a
falling edge triggered input to the PIIX/PIIX3 indicating that an external
device is requesting the system to enter SMM mode. This signal contains
a weak internal pullup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com